Electronic Components Datasheet Search
  English  ▼

X  

M58LW064 Datasheet(PDF) 27 Page - STMicroelectronics

Part # M58LW064
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M58LW064 Datasheet HTML 23Page - STMicroelectronics M58LW064 Datasheet HTML 24Page - STMicroelectronics M58LW064 Datasheet HTML 25Page - STMicroelectronics M58LW064 Datasheet HTML 26Page - STMicroelectronics M58LW064 Datasheet HTML 27Page - STMicroelectronics M58LW064 Datasheet HTML 28Page - STMicroelectronics M58LW064 Datasheet HTML 29Page - STMicroelectronics M58LW064 Datasheet HTML 30Page - STMicroelectronics M58LW064 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
27/53
M58LW064A, M58LW064B
Figure 8. AC Testing Load Circuit
AI03229
1.3V
OUT
CL = 30pF
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST
Figure 7. AC Testing Input Output Waveform
Note: VDD =VDDQ.
AI00610
VDDQ
0V
VDDQ/2
Table 20. AC Measurement Conditions
Clock Rise and Fall Times
≤3ns
Input Rise and Fall Times
≤4ns
Input Pulses Voltages
0V to VDDQ
Input and Output Timing Ref. Voltages
VDDQ/2
Table 21. Capacitance (TA =25°C, f = 1 MHz)
Symbol
Parameter
Test Condition
Typ
Max
Unit
CIN
Input Capacitance
VIN =0V
68
pF
COUT
Output Capacitance
VOUT =0V
812
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com