Electronic Components Datasheet Search
  English  ▼

X  

M58LW064 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M58LW064
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M58LW064 Datasheet HTML 13Page - STMicroelectronics M58LW064 Datasheet HTML 14Page - STMicroelectronics M58LW064 Datasheet HTML 15Page - STMicroelectronics M58LW064 Datasheet HTML 16Page - STMicroelectronics M58LW064 Datasheet HTML 17Page - STMicroelectronics M58LW064 Datasheet HTML 18Page - STMicroelectronics M58LW064 Datasheet HTML 19Page - STMicroelectronics M58LW064 Datasheet HTML 20Page - STMicroelectronics M58LW064 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
17/53
M58LW064A, M58LW064B
Table 11. Burst Performance (1)
Note: 1. The burst length of 8 is not available in the x32 organisation.
X-Y Latencies (minimum)
Clock
Frequency
x16 organisation
x32 organisation
x16
organisation
x32
organisation
Sequential
Interleaved
Sequential
Interleaved
VDD = 2.7 to 3.6V
Burst length:
1,2,4,8
Burst length:
1,2,4,8
Burst length:
1,2,4
Burst length:
1,2,4
Continuo us Burst
8.1.1.1
8.1.1.1
8.1.1.1
8.1.1.1
7.1.1.1
7.1.1.1
≤ 33 MHz
12.1.1.1
12.1.1.1
12.1.1.1
12.1.1.1
10.1.1.1
10.1.1.1
≤ 50 MHz
t.b.a.
t.b.a.
t.b.a.
t.b.a.
t.b.a.
t.b.a.
≤ 60 MHz
16.2.2.2
16.2.2.2
16.2.2.2
16.2.2.2
14.2.2.2
14.2.2.2
≤ 66 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com