Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 28Page - Texas Instruments TMS320DM642 Datasheet HTML 29Page - Texas Instruments TMS320DM642 Datasheet HTML 30Page - Texas Instruments TMS320DM642 Datasheet HTML 31Page - Texas Instruments TMS320DM642 Datasheet HTML 32Page - Texas Instruments TMS320DM642 Datasheet HTML 33Page - Texas Instruments TMS320DM642 Datasheet HTML 34Page - Texas Instruments TMS320DM642 Datasheet HTML 35Page - Texas Instruments TMS320DM642 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 176 page
background image
www.ti.com
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200L – JULY 2002 – REVISED JANUARY 2007
Table 2-4. Terminal Functions (continued)
SIGNAL
IPD/
TYPE(1)
DESCRIPTION
IPU(2)
NAME
NO.
HD31/AD31/MRCLK(3)
G1
HD30/AD30/MCRS(3)
H3
HD29/AD29/MRXER(3)
G2
HD28/AD28/MRXDV(3)
J4
HD27/AD27/MRXD3(3)
H2
HD26/AD26/MRXD2(3)
J3
HD25/AD25/MRXD1(3)
J1
HD24/AD24/MRXD0(3)
K4
Host-port data (I/O/Z) [default] or PCI data-address bus (I/O/Z) or EMAC
HD23/AD23(3)
K1
transmit/receive or control pins
HD22/AD22/MTCLK(3)
L4
As HPI data bus (PCI_EN pin = 0)
HD21/AD21/MCOL(3)
K2
•
Used for transfer of data, address, and control
HD20/AD20/MTXEN(3)
L3
•
Host-Port bus width user-configurable at device reset via a 10-k
Ω resistor
pullup/pulldown resistor on the HD5 pin:
HD19/AD19/MTXD3(3)
L2
As PCI data-address bus (PCI_EN pin = 1)
HD18/AD18/MTXD2(3)
M4
•
Used for transfer of data and address
HD17/AD17/MTXD1(3)
M2
Boot Configuration:
HD16/AD16/MTXD0(3)
M3
I/O/Z
•
HD5 pin = 0: HPI operates as an HPI16.
HD15/AD15(3)
T3
(HPI bus is 16 bits wide. HD[15:0] pins are used and the remaining
HD14/AD14(3)
U1
HD[31:16] pins are reserved pins in the high-impedance state.)
HD13/AD13(3)
U3
•
HD5 pin = 1: HPI operates as an HPI32.
(HPI bus is 32 bits wide. All HD[31:0] pins are used for host-port operations.)
HD12/AD12(3)
U2
HD11/AD11(3)
U4
For superset devices like DM642, the HD31/AD31 through HD16/AD16 pins can
also function as EMAC transmit/receive or control pins (when PCI_EN pin = 0;
HD10/AD10(3)
V1
MAC_EN pin = 1). For more details on the EMAC pin functions, see the Ethernet
HD9/AD9(3)
V3
MAC (EMAC) peripheral section of this table and for more details on how to
configure the EMAC pin functions, see the device configuration section of this
HD8/AD8(3)
V2
data sheet.
HD7/AD7(3)
W2
HD6/AD6(3)
W4
HD5/AD5(3)
Y1
HD4/AD4(3)
W3
HD3/AD3(3)
Y2
HD2/AD2(3)
Y4
HD1/AD1(3)
AA1
HD0/AD0(3)
Y3
PCI command/byte enable 0 (I/O/Z).
PCBE0
V4
I/O/Z
When PCI is disabled (PCI_EN = 0), this pin is tied-off.
PCI serial interface chip select (O).
XSP_CS
T4
O
IPD
When PCI is disabled (PCI_EN = 0), this pin is tied-off.
XSP_CLK/MDCLK(3)
R5
I/O/Z
IPD
PCI serial interface clock (O) [default] or MDIO serial clock input/output (I/O/Z).
PCI serial interface data in (I) [default].
XSP_DI
R4
I
IPU
In PCI mode, this pin is connected to the output data pin of the serial PROM.
PCI serial interface data out (O) [default] or MDIO serial data input/output
XSP_DO/MDIO(3)
P5
I/O/Z
IPU
(I/O/Z). In PCI mode, this pin is connected to the input data pin of the serial
PROM.
Device Overview
32
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com