Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 67Page - Texas Instruments TMS320DM642 Datasheet HTML 68Page - Texas Instruments TMS320DM642 Datasheet HTML 69Page - Texas Instruments TMS320DM642 Datasheet HTML 70Page - Texas Instruments TMS320DM642 Datasheet HTML 71Page - Texas Instruments TMS320DM642 Datasheet HTML 72Page - Texas Instruments TMS320DM642 Datasheet HTML 73Page - Texas Instruments TMS320DM642 Datasheet HTML 74Page - Texas Instruments TMS320DM642 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 176 page
background image
www.ti.com
4.3 Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200L – JULY 2002 – REVISED JANUARY 2007
Case Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
VOH
High-level output voltage (except PCI) DVDD = MIN, IOH = MAX
2.4
V
VOHP
High-level output voltage (PCI)
IOHP = –0.5 mA, DVDD = 3.3 V
0.9DVDD(2)
V
VOL
Low-level output voltage (except PCI)
DVDD = MIN, IOL = MAX
0.4
V
VOLP
Low-level output voltage (PCI)
IOLP = 1.5 mA, DVDD = 3.3 V
0.1DVDD(2)
V
VI = VSS to DVDD no opposing internal
±10
uA
resistor
VI = VSS to DVDD opposing internal pullup
II
Input current (except PCI)
50
100
150
uA
resistor (3)
VI = VSS to DVDD opposing internal
–150
–100
–50
uA
pulldown resistor (3)
IIP
Input leakage current (PCI) (4)
0 < VIP < DVDD = 3.3 V
±10
uA
EMIF, CLKOUT4, CLKOUT6, EMUx
–16
mA
Video Ports, Timer, TDO, GPIO
IOH
High-level output current
–8
mA
(Excluding GP0[15:9, 2, 1]), McBSP
PCI/HPI
–0.5(2)
mA
EMIF, CLKOUT4, CLKOUT6, EMUx
16
mA
Video Ports, Timer, TDO, GPIO
8
mA
(Excluding GP0[15:9, 2, 1]), McBSP
IOL
Low-level output current
SCL0 and SDA0
3
mA
PCI/HPI
1.5(2)
mA
IOZ
Off-state output current
VO = DVDD or 0 V
±10
uA
CVDD = 1.4 V, CPU clock = 720 MHz
1090
mA
ICDD
Core supply current(5)
CVDD = 1.4 V, CPU clock = 600 MHz
890
mA
CVDD = 1.2 V, CPU clock = 500 MHz
620
mA
DVDD = 3.3 V, CPU clock = 720 MHz
210
mA
IDDD
I/O supply current(5)
DVDD = 3.3 V, CPU clock = 600 MHz
210
mA
DVDD = 3.3 V, CPU clock = 500 MHz
165
mA
Ci
Input capacitance
10
pF
Co
Output capacitance
10
pF
(1)
For test conditions shown as MIN, MAX, or NOM, use the appropriate value specified in the recommended operating conditions table.
(2)
These rated numbers are from the PCI specification version 2.3. The DC specification and AC specification are defined in Table 5-3 and
Table 5-4, respectively.
(3)
Applies only to pins with an internal pullup (IPU) or pulldown (IPD) resistor.
(4)
PCI input leakage currents include Hi-Z output leakage for all bidirectional buffers with 3-state outputs.
(5)
Measured with average activity (50% high/50% low power) at 25°C case temperature and 133-MHz EMIF for –600 and –720 speeds
(100-MHz EMIF for –500 speed). This model represents a device performing high-DSP-activity operations 50% of the time, and the
remainder performing low-DSP-activity operations. The high/low-DSP-activity models are defined as follows:
•
High-DSP-Activity Model:
–
CPU: 8 instructions/cycle with 2 LDDW instructions [L1 Data Memory: 128 bits/cycle via LDDW instructions;
L1 Program Memory: 256 bits/cycle; L2/EMIF EDMA: 50% writes, 50% reads to/from SDRAM (50% bit-switching)]
–
McBSP: 2 channels at E1 rate
–
Timers: 2 timers at maximum rate
•
Low-DSP-Activity Model:
–
CPU: 2 instructions/cycle with 1 LDH instruction [L1 Data Memory: 16 bits/cycle; L1 Program Memory: 256 bits per 4 cycles;
L2/EMIF EDMA: None]
–
McBSP: 2 channels at E1 rate
–
Timers: 2 timers at maximum rate
The actual current draw is highly application-dependent. For more details on core and I/O activity, refer to the TMS320DMx Power
Consumption Summary application report (literature number SPRA962).
Submit Documentation Feedback
Device Operating Conditions
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com