Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 4Page - Texas Instruments TMS320DM642 Datasheet HTML 5Page - Texas Instruments TMS320DM642 Datasheet HTML 6Page - Texas Instruments TMS320DM642 Datasheet HTML 7Page - Texas Instruments TMS320DM642 Datasheet HTML 8Page - Texas Instruments TMS320DM642 Datasheet HTML 9Page - Texas Instruments TMS320DM642 Datasheet HTML 10Page - Texas Instruments TMS320DM642 Datasheet HTML 11Page - Texas Instruments TMS320DM642 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 176 page
background image
www.ti.com
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200L – JULY 2002 – REVISED JANUARY 2007
The two .M functional units perform all multiplication operations. Each of the C64x .M units can perform
two 16 × 16-bit multiplies or four 8 × 8-bit multiplies per clock cycle. The .M unit can also perform 16 ×
32-bit multiply operations, dual 16 × 16-bit multiplies with add/subtract operations, and quad 8 × 8-bit
multiplies with add operations. In addition to standard multiplies, the C64x .M units include bit-count,
rotate, Galois field multiplies, and bidirectional variable shift hardware.
The two .S and .L functional units perform a general set of arithmetic, logical, and branch functions with
results available every clock cycle. The arithmetic and logical functions on the C64x CPU include single
32-bit, dual 16-bit, and quad 8-bit operations.
The processing flow begins when a 256-bit-wide instruction fetch packet is fetched from a program
memory. The 32-bit instructions destined for the individual functional units are "linked" together by "1" bits
in the least significant bit (LSB) position of the instructions. The instructions that are "chained" together for
simultaneous execution (up to eight in total) compose an execute packet. A "0" in the LSB of an
instruction breaks the chain, effectively placing the instructions that follow it in the next execute packet. A
C64x™ DSP device enhancement now allows execute packets to cross fetch-packet boundaries. In the
TMS320C62x™/TMS320C67x™ DSP devices, if an execute packet crosses the fetch-packet boundary
(256 bits wide), the assembler places it in the next fetch packet, while the remainder of the current fetch
packet is padded with NOP instructions. In the C64x™ DSP device, the execute boundary restrictions
have been removed, thereby, eliminating all of the NOPs added to pad the fetch packet, and thus,
decreasing the overall code size. The number of execute packets within a fetch packet can vary from one
to eight. Execute packets are dispatched to their respective functional units at the rate of one per clock
cycle and the next 256-bit fetch packet is not fetched until all the execute packets from the current fetch
packet have been dispatched. After decoding, the instructions simultaneously drive all active functional
units for a maximum execution rate of eight instructions every clock cycle. While most results are stored in
32-bit registers, they can be subsequently moved to memory as bytes, half-words, or doublewords. All
load and store instructions are byte-, half-word-, word-, or doubleword-addressable.
For more details on the C64x CPU functional units enhancements, see the following documents:
• TMS320C6000 CPU and Instruction Set Reference Guide (literature number SPRU189)
• TMS320C64x Technical Overview (literature number SPRU395)
Device Overview
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com