Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 96 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 92Page - Texas Instruments TMS320DM642 Datasheet HTML 93Page - Texas Instruments TMS320DM642 Datasheet HTML 94Page - Texas Instruments TMS320DM642 Datasheet HTML 95Page - Texas Instruments TMS320DM642 Datasheet HTML 96Page - Texas Instruments TMS320DM642 Datasheet HTML 97Page - Texas Instruments TMS320DM642 Datasheet HTML 98Page - Texas Instruments TMS320DM642 Datasheet HTML 99Page - Texas Instruments TMS320DM642 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 176 page
background image
www.ti.com
7
7
6
6
Setup = 2
Strobe = 3
Not Ready
Hold = 2
BE
Address
1
1
1
1
5
4
AARDY
5
AECLKOUTx
ACEx
AEA[22:3]
AED[63:0]
AAOE/ASDRAS/ASOE (A)
AARE/ASDCAS/ASADS/ASRE (A)
ABE[7:0]
AAWE/ASDWE/ASWE(A)
2
2
2
2
3
Read Data
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200L – JULY 2002 – REVISED JANUARY 2007
Table 5-23. Switching Characteristics Over Recommended Operating Conditions for Asynchronous
Memory Cycles for EMIFA Module
(1) (2) (3) (see Figure 5-17 and Figure 5-18)
–500
–600
NO.
PARAMETER
UNIT
–720
MIN
MAX
1
tosu(SELV-AREL)
Output setup time, select signals valid to AARE low
RS * E – 1.8
ns
2
toh(AREH-SELIV)
Output hold time, AARE high to select signals invalid
RH * E – 1.9
ns
5
td(EKO1H-AREV)
Delay time, AECLKOUTx high to AARE valid
1
7
ns
8
tosu(SELV-AWEL)
Output setup time, select signals valid to AAWE low
WS * E – 2.0
ns
9
toh(AWEH-SELIV)
Output hold time, AAWE high to select signals invalid
WH * E – 2.5
ns
10
td(EKO1H-AWEV)
Delay time, AECLKOUTx high to AAWE valid
1.3
7.1
ns
(1)
RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold. These parameters
are programmed via the EMIF CE space control registers.
(2)
E = AECLKOUT1 period in ns for EMIFA
(3)
Select signals for EMIFA include: ACEx, ABE[7:0], AEA[22:3], AAOE; and for EMIFA writes, include AED[63:0].
A.
AAOE/ASDRAS/ASOE, AARE/ASDCAS/ASADS/ASRE, and AAWE/ASDWE/ASWE operate as AAOE (identified
under select signals), AARE, and AAWE, respectively, during asynchronous memory accesses.
Figure 5-17. Asynchronous Memory Read Timing for EMIFA
DM642 Peripheral Information and Electrical Specifications
96
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com