Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  11-BIT, 200 MSPS ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 37 Page - Texas Instruments

Back Button ADS5546 Datasheet HTML 33Page - Texas Instruments ADS5546 Datasheet HTML 34Page - Texas Instruments ADS5546 Datasheet HTML 35Page - Texas Instruments ADS5546 Datasheet HTML 36Page - Texas Instruments ADS5546 Datasheet HTML 37Page - Texas Instruments ADS5546 Datasheet HTML 38Page - Texas Instruments ADS5546 Datasheet HTML 39Page - Texas Instruments ADS5546 Datasheet HTML 40Page - Texas Instruments ADS5546 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
www.ti.com
Programmable Gain
Power Down
ADS5517
SLWS203 – DECEMBER 2007
ADS5517 has programmable gain from 0 dB to 6 dB in steps of 1 dB. The corresponding full-scale input range
varies from 2 VPP down to 1 VPP, with 0 dB being the default gain. At high IF, this is especially useful as the
SFDR improvement is significant with marginal degradation in SNR.
The gain can be programmed using the serial interface (bits D3-D0 in register 0x68).
ADS5517 has three power-down modes – global STANDBY, output buffer disabled, and input clock stopped.
Global STANDBY
This mode can be initiated by controlling SDATA (pin 28) or by setting the register bit <STBY> (Table 10)
through the serial interface. In this mode, the A/D converter, reference block and the output buffers are powered
down and the total power dissipation reduces to about 100 mW. The output buffers are in high impedance state.
The wake-up time from the global power down to data becoming valid normal mode is maximum 100
µs.
Output Buffer Disable
The output buffers can be disabled using OE pin 7 in both the LVDS and CMOS modes, reducing the total power
by about 100 mW. With the buffers disabled, the outputs are in high impedance state. The wake-up time from
this mode to data becoming valid in normal mode is maximum 1
µs in LVDS mode and 50 ns in CMOS mode.
Input Clock Stop
The converter enters this mode when the input clock frequency falls below 1 MSPS. The power dissipation is
about 100 mW and the wake-up time from this mode to data becoming valid in normal mode is maximum 100
µs.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): ADS5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com