Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  11-BIT, 200 MSPS ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5546 Datasheet HTML 14Page - Texas Instruments ADS5546 Datasheet HTML 15Page - Texas Instruments ADS5546 Datasheet HTML 16Page - Texas Instruments ADS5546 Datasheet HTML 17Page - Texas Instruments ADS5546 Datasheet HTML 18Page - Texas Instruments ADS5546 Datasheet HTML 19Page - Texas Instruments ADS5546 Datasheet HTML 20Page - Texas Instruments ADS5546 Datasheet HTML 21Page - Texas Instruments ADS5546 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
www.ti.com
ADS5517
SLWS203 – DECEMBER 2007
Table 10. Serial Register B
A7 – A0 (hex)
D7
D6
D5
D4
D3
D2
D1
D0
<DF>
<LOW SPEED>
<STBY>
DATA
ENABLE LOW
GLOBAL
FORMAT
63
SAMPLING
POWER
2's COMP or
FREQUENCY
DOWN
STRAIGHT
OPERATION
BINARY
D3
<DF> Output data format
0
2's complement
1
Straight binary
D4
<LOW SPEED> Low sampling frequency operation
0
Default SPEED mode for 50 < Fs
≤ 200 MSPS
1
Low SPEED mode 1
≤ Fs ≤ 50 MSPS
D7
<STBY> Global power down
0
Normal operation
1
Global power down (includes ADC, internal references and output buffers)
Table 11. Serial Register C
A7 – A0 (hex)
D7
D6
D5
D4
D3
D2
D1
D0
<TEST PATTERNS> — ALL 0S, ALL 1s,
65
TOGGLE, RAMP, CUSTOM PATTERN
D7 — D5
<TEST PATTERN> Outputs selected test pattern on data lines
000
Normal operation
001
All 0s
010
All 1s
011
Toggle pattern – alternate 1s and 0s on each data output and across
data outputs
100
Ramp pattern – Output data ramps from 0x0000 to 0x3FFF by one
code every clock cycle
101
Custom pattern – Outputs the custom pattern in CUSTOM PATTERN
registers A and B
111
Unused
18
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com