Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  11-BIT, 200 MSPS ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5546 Datasheet HTML 18Page - Texas Instruments ADS5546 Datasheet HTML 19Page - Texas Instruments ADS5546 Datasheet HTML 20Page - Texas Instruments ADS5546 Datasheet HTML 21Page - Texas Instruments ADS5546 Datasheet HTML 22Page - Texas Instruments ADS5546 Datasheet HTML 23Page - Texas Instruments ADS5546 Datasheet HTML 24Page - Texas Instruments ADS5546 Datasheet HTML 25Page - Texas Instruments ADS5546 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
www.ti.com
PIN CONFIGURATION (LVDS MODE)
DRGND
DRVDD
OVR
CLKOUTM
CLKOUTP
DFS
OE
AVDD
AGND
CLKP
CLKM
AGND
1
2
3
4
5
6
7
8
9
10
11
12
DRGND
DRVDD
NC
NC
NC
NC
RESET
SCLK
SDATA
SEN
AVDD
AGND
36
35
34
33
32
31
30
29
28
27
26
25
ThermalPad
ADS5517
SLWS203 – DECEMBER 2007
RGZ PACKAGE
(TOP VIEW)
Figure 7. LVDS Mode Pinout
PIN ASSIGNMENTS – LVDS Mode
PIN
PIN
NUMBER
PIN NAME
DESCRIPTION
TYPE
NUMBER
OF PINS
8, 18, 20,
AVDD
Analog power supply
I
6
22, 24, 26
9, 12, 14,
AGND
Analog ground
I
6
17, 19, 25
CLKP, CLKM
Differential clock input
I
10, 11
2
INP, INM
Differential analog input
I
15, 16
2
Internal reference mode – Common-mode voltage output.
VCM
External reference mode – Reference input. The voltage forced on this pin sets
I/O
13
1
the internal references.
IREF
Current-set resistor, 56.2-k
Ω resistor to ground.
I
21
1
Serial interface RESET input.
When using the serial interface mode, the user MUST initialize internal registers
through hardware RESET by applying a high-going pulse on this pin, or by using
RESET
the software reset option. See the SERIAL INTERFACE section.
I
30
1
In parallel interface mode, the user has to tie the RESET pin permanently HIGH.
(SDATA and SEN are used as parallel pin controls in this mode)
The pin has an internal 100-k
Ω pull-down resistor.
22
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com