Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  11-BIT, 200 MSPS ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5546 Datasheet HTML 2Page - Texas Instruments ADS5546 Datasheet HTML 3Page - Texas Instruments ADS5546 Datasheet HTML 4Page - Texas Instruments ADS5546 Datasheet HTML 5Page - Texas Instruments ADS5546 Datasheet HTML 6Page - Texas Instruments ADS5546 Datasheet HTML 7Page - Texas Instruments ADS5546 Datasheet HTML 8Page - Texas Instruments ADS5546 Datasheet HTML 9Page - Texas Instruments ADS5546 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
www.ti.com
ADS5517
SLWS203 – DECEMBER 2007
ELECTRICAL CHARACTERISTICS (continued)
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C,
AVDD = DRVDD = 3.3 V, sampling rate = 200 MSPS, sine wave input clock, 1.5 VPP differential clock amplitude, 50% clock
duty cycle, –1 dBFS differential analog input, internal reference mode, 0-db gain, DDR LVDS data output (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FIN = 20 MHz
86
FIN = 70 MHz
75
84
FIN = 100 MHz
78
FIN = 170 MHz
79
0 dB gain, 2 VPP FS
75
HD3
Third harmonic
FIN = 230 MHz
dBc
3 dB gain, 1.4 VPP FS
78
0 dB gain, 2 VPP FS
74
FIN = 300 MHz
3 dB gain, 1.4 VPP FS
76
0 dB gain, 2 VPP FS
68
FIN = 400 MHz
3 dB gain, 1.4 VPP FS
70
FIN = 20 MHz
95
FIN = 70 MHz
92
FIN = 100 MHz
92
Worst harmonic (other than HD2, HD3)
FIN = 170 MHz
90
dBc
FIN = 230 MHz
90
FIN = 300 MHz
88
FIN = 400 MHz
87
FIN = 20 MHz
83
FIN = 70 MHz
73
82
FIN = 100 MHz
76
THD
Total harmonic distortion
FIN = 170 MHz
77
dBc
FIN = 230 MHz
73
FIN = 300 MHz
72
FIN = 400 MHz
65
ENOB
Effective number of bits
FIN = 70 MHz
10.3
10.8
bits
FIN1 = 50.03 MHz, FIN2 = 46.03 MHz,
91
-7 dBFS each tone
IMD
Two-tone intermodulation distortion
dBFS
FIN1 = 190.1 MHz, FIN2 = 185.02 MHz,
86
-7 dBFS each tone
PSRR
AC power supply rejection ratio
30 MHz, 200 mVPP signal on 3.3-V supply
35
dBc
Recovery to 1% (of final value) for 6-dB overload
Clock
Voltage overload recovery time
1
with sine-wave input at Nyquist frequency
cycles
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com