Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  11-BIT, 200 MSPS ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5546 Datasheet HTML 13Page - Texas Instruments ADS5546 Datasheet HTML 14Page - Texas Instruments ADS5546 Datasheet HTML 15Page - Texas Instruments ADS5546 Datasheet HTML 16Page - Texas Instruments ADS5546 Datasheet HTML 17Page - Texas Instruments ADS5546 Datasheet HTML 18Page - Texas Instruments ADS5546 Datasheet HTML 19Page - Texas Instruments ADS5546 Datasheet HTML 20Page - Texas Instruments ADS5546 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
www.ti.com
DESCRIPTION OF SERIAL REGISTERS
ADS5517
SLWS203 – DECEMBER 2007
Each register function is explained in detail below.
Table 9. Serial Register A
A7 – A0 (hex)
D7
D6
D5
D4
D3
D2
D1
D0
<DATA POSN>
OUTPUT DATA
<CLKOUT POSN>
62
POSITION
OUTPUT CLOCK POSITION PROGRAMMABILITY
PROGRAMMABILITY
D4 — D0
<CLKOUT POSN> Output clock position programmability
00001
Default CLKOUT position after reset. Setup/hold timings with this clock
position are specified in the timing characteristics table.
XX011
CMOS – Falling edge later by (1/12) Ts
LVDS – Falling edge earlier by (1/12) Ts
XX101
CMOS – Falling edge later by (3/12) Ts
LVDS – Falling edge aligned with data transition
XX111
CMOS – Falling edge later by (2/12) Ts
LVDS – Falling edge aligned with data transition
01XX1
CMOS – Rising edge later by (1/12) Ts
LVDS – Rising edge earlier by (1/12) Ts
10XX1
CMOS – Rising edge later by (3/12) Ts
LVDS – Rising edge aligned with data transition
11XX1
CMOS – Rising edge later by (2/12) Ts
LVDS – Rising edge aligned with data transition
D6 — D5
<DATA POSN> Output Switching Noise and Data Position
Programmability (in CMOS mode ONLY) (Only in CMOS mode)
00
Data Position 1 – Default output data position after reset. Setup/hold
timings with this data position are specified in the timing characteristics
table.
01
Data Position 2 – Setup time increases by (2/36) Ts
10
Data Position 3 – Setup time increases by (5/36) Ts
11
Data Position 4 – Setup time decreases by (6/36) Ts
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ADS5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com