Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  11-BIT, 200 MSPS ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS5546 Datasheet HTML 24Page - Texas Instruments ADS5546 Datasheet HTML 25Page - Texas Instruments ADS5546 Datasheet HTML 26Page - Texas Instruments ADS5546 Datasheet HTML 27Page - Texas Instruments ADS5546 Datasheet HTML 28Page - Texas Instruments ADS5546 Datasheet HTML 29Page - Texas Instruments ADS5546 Datasheet HTML 30Page - Texas Instruments ADS5546 Datasheet HTML 31Page - Texas Instruments ADS5546 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
www.ti.com
82
84
86
88
90
67
68
66
69
70
SNR
SFDR
T − Free-AirT
A
emperature − C
o
−40
10
35
85
f
=50.1MHz
IN
50
−15
F − SamplingFrequency − MSPS
S
60
61
62
63
64
65
66
67
68
69
40
60
80
100
120
140
160
180
200
Default
PowerMode1
PowerMode2
PowerMode3
Input Amplitude − dBFS
25
35
45
55
65
75
85
95
105
−40
−30
−20
−10
0
64
65
63
66
67
71
68
69
70
SFDR(dBc)
SNR(dBFS)
f
=50.1MHz
IN
81
82
83
84
85
86
Clock Amplitude-VPP
66
67
68
69
70
71
SNR
f
=20.1MHz
SineWaveInputClock
IN
SFDR
1.3
0.8
0.5
0.3
1.5
2.1
1.1
2.3
2.8
1.8
2.5
InputClockDutyCycle − %
82
83
84
85
86
87
35
40
45
50
55
60
67
68
66
69
70
71
SFDR
f
=20.1MHz
IN
SNR
65
OutputCode
0
10
30
40
50
70
80
90
100
20
60
110
ADS5517
SLWS203 – DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
All plots are at 25
°C, AVDD = DRVDD = 3.3 V, sampling frequency = 200 MSPS, sine wave input clock, 1.5 V
PP differential
clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, 0 dB gain, DDR LVDS data
output (unless otherwise noted)
SNR vs SAMPLING FREQUENCY
PERFORMANCE vs TEMPERATURE
(Across Power Scaling Modes)
Figure 21.
Figure 22.
PERFORMANCE vs INPUT AMPLITUDE
PERFORMANCE vs CLOCK AMPLITUDE
Figure 23.
Figure 24.
OUTPUT NOISE HISTOGRAM WITH
PERFORMANCE vs INPUT CLOCK DUTY CYCLE
INPUTS TIED TO COMMON-MODE
Figure 25.
Figure 26.
28
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com