Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  11-BIT, 200 MSPS ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 4 Page - Texas Instruments

  ADS5546 Datasheet HTML 1Page - Texas Instruments ADS5546 Datasheet HTML 2Page - Texas Instruments ADS5546 Datasheet HTML 3Page - Texas Instruments ADS5546 Datasheet HTML 4Page - Texas Instruments ADS5546 Datasheet HTML 5Page - Texas Instruments ADS5546 Datasheet HTML 6Page - Texas Instruments ADS5546 Datasheet HTML 7Page - Texas Instruments ADS5546 Datasheet HTML 8Page - Texas Instruments ADS5546 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS5517
SLWS203 – DECEMBER 2007
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C,
AVDD = DRVDD = 3.3 V, sampling rate = 200 MSPS, sine wave input clock, 1.5 VPP differential clock amplitude, 50% clock
duty cycle, –1 dBFS differential analog input, internal reference mode, 0-db gain, DDR LVDS data output (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
11
bits
ANALOG INPUT
Differential input voltage range
2
VPP
Differential input capacitance
7
pF
Analog input bandwidth
800
MHz
Analog input common mode current
342
µA
(per input pin)
REFERENCE VOLTAGES
V(REFB)
Internal reference bottom voltage
Internal reference mode
0.5
V
V(REFT)
Internal reference top voltage
Internal reference mode
2.5
V
ΔV(REF)
Internal reference error
V(REFT) - V(REFB)
-60
±25
60
mV
VCM
Common mode output voltage
Internal reference mode
1.5
V
VCM output current capability
Internal reference mode
±4
mA
DC ACCURACY
No Missing Codes
Specified
DNL
Differential non-linearity
-0.6
±0.3
1.0
LSB
INL
Integral non-linearity
-1.5
±0.6
1.5
LSB
Offset error
-10
5
10
mV
Offset temperature coefficient
0.002
ppm/
°C
Gain error due to internal reference
(
ΔV(REF) / 2.0V)%
-3
±1
3
%FS
error alone
Gain error excluding internal reference
-2
± 1
2
%FS
error(1)
Gain temperature coefficient
0.01
Δ%/
°C
PSRR
DC Power supply rejection ratio
0.6
mV/V
POWER SUPPLY
I(AVDD)
Analog supply current
306
mA
LVDS mode, IO = 3.5 mA,
66
mA
RL = 100 Ω, CL = 5 pF
I(DRVDD)
Digital supply current
CMOS mode, FIN = 2.5 MHz,
47
mA
CL = 5 pF
ICC
Total supply current
LVDS mode
372
mA
Total power dissipation
LVDS mode
1.23
1.4
W
Standby power
In STANDBY mode with clock stopped
100
150
mW
Clock stop power
With input clock stopped
100
150
mW
(1)
Gain error is specified from design and characterization; it is not tested in production.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com