Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  11-BIT, 200 MSPS ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS5546 Datasheet HTML 19Page - Texas Instruments ADS5546 Datasheet HTML 20Page - Texas Instruments ADS5546 Datasheet HTML 21Page - Texas Instruments ADS5546 Datasheet HTML 22Page - Texas Instruments ADS5546 Datasheet HTML 23Page - Texas Instruments ADS5546 Datasheet HTML 24Page - Texas Instruments ADS5546 Datasheet HTML 25Page - Texas Instruments ADS5546 Datasheet HTML 26Page - Texas Instruments ADS5546 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
www.ti.com
ADS5517
SLWS203 – DECEMBER 2007
PIN ASSIGNMENTS – LVDS Mode (continued)
PIN
PIN
NUMBER
PIN NAME
DESCRIPTION
TYPE
NUMBER
OF PINS
This pin functions as serial interface clock input when RESET is low.
It functions as LOW SPEED control pin when RESET is tied high. Tie SCLK to
SCLK
I
29
1
LOW for Fs > 50 MSPS and SCLK to HIGH for Fs
≤ 50 MSPS. See Table 3.
The pin has an internal 100-k
Ω pull-down resistor.
This pin functions as serial interface data input when RESET is low. It functions as
STANDBY control pin when RESET is tied high.
SDATA
I
28
1
See Table 4 for detailed information.
The pin has an internal 100 k
Ω pull-down resistor.
This pin functions as serial interface enable input when RESET is low. It functions
as CLKOUT edge programmability when RESET is tied high. See Table 5 for
SEN
I
27
1
detailed information.
The pin has an internal 100-k
Ω pull-up resistor to DRVDD.
Output buffer enable input, active high. The pin has an internal 100-k
Ω pull-up
OE
I
7
1
resistor to DRVDD.
Data Format Select input. This pin sets the DATA FORMAT (Twos complement or
DFS
Offset binary) and the LVDS/CMOS output mode type. See Table 6 for detailed
I
6
1
information.
Mode select input. This pin selects the Internal or External reference mode. See
MODE
I
23
1
Table 7 for detailed information.
CLKOUTP
Differential output clock, true
O
5
1
CLKOUTM
Differential output clock, complement
O
4
1
LOW_D0_P
Differential output data LOW and D0 multiplexed, true
O
38
1
LOW_D0_M
Differential output data LOW and D0 multiplexed, complement
O
37
1
D1_D2_P
Differential output data D1 and D2 multiplexed, true
O
40
1
D1_D2_M
Differential output data D1 and D2 multiplexed, complement
O
39
1
D3_D4_P
Differential output data D3 and D4 multiplexed, true
O
42
1
D3_D4_M
Differential output data D3 and D4 multiplexed, complement
O
41
1
D5_D6_P
Differential output data D5 and D6 multiplexed, true
O
44
1
D5_D6_M
Differential output data D5 and D6 multiplexed, complement
O
43
1
D7_D8_P
Differential output data D7 and D8 multiplexed, true
O
46
1
D7_D8_M
Differential output data D7 and D8 multiplexed, complement
O
45
1
D9_D10_P
Differential output data D9 and D10 multiplexed, true
O
48
1
D9_D10_M
Differential output data D9 and D10 multiplexed, complement
O
47
1
OVR
Out-of-range indicator, CMOS level signal
O
3
1
DRVDD
Digital and output buffer supply
I
2, 35
2
DRGND
Digital and output buffer ground
I
1, 36
2
31, 32, 33,
NC
Do not connect
4
34
Connect the pad to the ground plane. See Board Design Considerations in
PAD
0
1
application information section.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): ADS5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com