Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  11-BIT, 200 MSPS ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS5546 Datasheet HTML 28Page - Texas Instruments ADS5546 Datasheet HTML 29Page - Texas Instruments ADS5546 Datasheet HTML 30Page - Texas Instruments ADS5546 Datasheet HTML 31Page - Texas Instruments ADS5546 Datasheet HTML 32Page - Texas Instruments ADS5546 Datasheet HTML 33Page - Texas Instruments ADS5546 Datasheet HTML 34Page - Texas Instruments ADS5546 Datasheet HTML 35Page - Texas Instruments ADS5546 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
www.ti.com
Example Drive Circuits
WBC1-1TLB
1:1
1:1
0.1 F
m
INP
INM
VCM
25 W
100 W
25 W
3.3pF
0.1 F
m
15
(Note A)
W
15
(Note A)
W
WBC1-1TLB
100 W
33 W
33 W
Z andTFADC
i
-6
-5
-1
1
f − Frequency − MHz
0
1000
2
-4
100
200
500
700
-2
-3
0
400
300
600
800
900
0
50
250
350
f − Frequency − MHz
0
1000
500
100
100
200
500
700
200
150
300
400
300
600
800
900
400
450
ADS5517
SLWS203 – DECEMBER 2007
Using 10-
Ω series resistance and 25 Ω-3.3 pF-25 Ω as the R-C-R filter, high effective bandwidth (700 MHz) can
be achieved, (see Figure 35, transfer function from the analog input pins to the voltage across the sampling
capacitors).
In addition to the above ADC requirements, the drive circuit may have to be designed to provide a low insertion
loss over the desired frequency range and matched impedance to the source. For this, the ADC input impedance
has to be taken into account (Figure 36).
A suitable configuration using RF transformers and including the R-C-R filter is shown in Figure 34. Note the
15-
Ω series resistors and the low common-mode impedance (using 33-Ω resistors terminated to VCM).
A.
Use lower series resistance (
≈ 5 Ω to 10 Ω) at high input frequencies (> 100 MHz)
Figure 34. Example Drive Circuit With RF Transformers
Figure 35. Analog Input Bandwidth, TFADC (Actual
Figure 36. Input Impedance, ZI
Silicon Data)
32
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com