Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  11-BIT, 200 MSPS ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS5546 Datasheet HTML 21Page - Texas Instruments ADS5546 Datasheet HTML 22Page - Texas Instruments ADS5546 Datasheet HTML 23Page - Texas Instruments ADS5546 Datasheet HTML 24Page - Texas Instruments ADS5546 Datasheet HTML 25Page - Texas Instruments ADS5546 Datasheet HTML 26Page - Texas Instruments ADS5546 Datasheet HTML 27Page - Texas Instruments ADS5546 Datasheet HTML 28Page - Texas Instruments ADS5546 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
www.ti.com
ADS5517
SLWS203 – DECEMBER 2007
PIN ASSIGNMENTS – CMOS Mode (continued)
PIN
PIN
NUMBER
PIN NAME
DESCRIPTION
TYPE
NUMBER
OF PINS
This pin functions as serial interface data input when RESET is low. It functions as
STANDBY control pin when RESET is tied high.
SDATA
I
28
1
See Table 4 for detailed information.
The pin has an internal 100 k
Ω pull-down resistor.
This pin functions as serial interface enable input when RESET is low. It functions
as CLKOUT edge programmability when RESET is tied high. See Table 5 for
SEN
I
27
1
detailed information.
The pin has an internal 100-k
Ω pull-up resistor to DRVDD.
Output buffer enable input, active high. The pin has an internal 100-k
Ω pull-up
OE
I
7
1
resistor to DRVDD.
Data Format Select input. This pin sets the DATA FORMAT (Twos complement or
DFS
Offset binary) and the LVDS/CMOS output mode type. See Table 6 for detailed
I
6
1
information.
Mode select input. This pin selects the internal or external reference mode. See
MODE
I
23
1
Table 7 for detailed information.
CLKOUT
CMOS output clock
O
5
1
D0
CMOS output data D0 (LSB)
O
38
1
D1
CMOS output data D1
O
39
1
D2
CMOS output data D2
O
40
1
D3
CMOS output data D3
O
41
1
D4
CMOS output data D4
O
42
1
D4
CMOS output data D5
O
43
1
D6
CMOS output data D6
O
44
1
D7
CMOS output data D7
O
45
1
D8
CMOS output data D8
O
46
1
D9
CMOS output data D9
O
47
1
D10
CMOS output data D10 (MSB)
O
48
1
OVR
Out-of-range indicator, CMOS level signal
O
3
1
DRVDD
Digital and output buffer supply
I
2, 35
2
DRGND
Digital and output buffer ground
I
1, 36
2
UNUSED
Unused pin in CMOS mode
4
1
31, 32, 33,
NC
Do not connect
5
34, 37
Connect the pad to the ground plane. See Board Design Considerations in
PAD
0
1
application information section.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): ADS5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com