Electronic Components Datasheet Search
  English  ▼

X  

CC01005 Datasheet(PDF) 24 Page - TDK Electronics

Part # CC01005
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC01005 Datasheet(HTML) 24 Page - TDK Electronics

Back Button CC01005 Datasheet HTML 20Page - TDK Electronics CC01005 Datasheet HTML 21Page - TDK Electronics CC01005 Datasheet HTML 22Page - TDK Electronics CC01005 Datasheet HTML 23Page - TDK Electronics CC01005 Datasheet HTML 24Page - TDK Electronics CC01005 Datasheet HTML 25Page - TDK Electronics CC01005 Datasheet HTML 26Page - TDK Electronics CC01005 Datasheet HTML 27Page - TDK Electronics CC01005 Datasheet HTML 28Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
(24/57)
20190215 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
 
■ Gray item: The product which is not recommended to a new design.
Capacitance range table
Temperature characteristics: C0G (–55 to +125°C, 0±30 ppm/°C)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
0.5 pF
0402
0.20±0.02
±0.25pF
C0402C0G1C0R5C020BC
0603
0.30±0.03
±0.25pF
C0603C0G1H0R5C030BA
C0603C0G1E0R5C030BA
1005
0.50±0.05
±0.10pF
C1005C0G1H0R5B050BA
±0.25pF
C1005C0G1H0R5C050BA
1608
0.80±0.10
±0.25pF
C1608C0G1H0R5C080AA
0.75 pF
0402
0.20±0.02
±0.25pF
C0402C0G1CR75C020BC
0603
0.30±0.03
±0.25pF
C0603C0G1HR75C030BA
C0603C0G1ER75C030BA
1005
0.50±0.05
±0.10pF
C1005C0G1HR75B050BA
±0.25pF
C1005C0G1HR75C050BA
1608
0.80±0.10
±0.25pF
C1608C0G1HR75C080AA
1 pF
0402
0.20±0.02
±0.25pF
C0402C0G1C010C020BC
0603
0.30±0.03
±0.25pF
C0603C0G1H010C030BA
C0603C0G1E010C030BA
1005
0.50±0.05
±0.10pF
C1005C0G1H010B050BA
±0.25pF
C1005C0G1H010C050BA
1608
0.80±0.10
±0.25pF
C1608C0G1H010C080AA
1.5 pF
0402
0.20±0.02
±0.25pF
C0402C0G1C1R5C020BC
0603
0.30±0.03
±0.25pF
C0603C0G1H1R5C030BA
C0603C0G1E1R5C030BA
1005
0.50±0.05
±0.10pF
C1005C0G1H1R5B050BA
±0.25pF
C1005C0G1H1R5C050BA
1608
0.80±0.10
±0.25pF
C1608C0G1H1R5C080AA
2 pF
0402
0.20±0.02
±0.25pF
C0402C0G1C020C020BC
0603
0.30±0.03
±0.25pF
C0603C0G1H020C030BA
C0603C0G1E020C030BA
1005
0.50±0.05
±0.10pF
C1005C0G1H020B050BA
±0.25pF
C1005C0G1H020C050BA
1608
0.80±0.10
±0.25pF
C1608C0G1H020C080AA
2.2 pF
0402
0.20±0.02
±0.25pF
C0402C0G1C2R2C020BC
0603
0.30±0.03
±0.25pF
C0603C0G1H2R2C030BA
C0603C0G1E2R2C030BA
3 pF
0402
0.20±0.02
±0.25pF
C0402C0G1C030C020BC
0603
0.30±0.03
±0.25pF
C0603C0G1H030C030BA
C0603C0G1E030C030BA
1005
0.50±0.05
±0.10pF
C1005C0G1H030B050BA
±0.25pF
C1005C0G1H030C050BA
1608
0.80±0.10
±0.25pF
C1608C0G1H030C080AA
3.3 pF
0402
0.20±0.02
±0.25pF
C0402C0G1C3R3C020BC
0603
0.30±0.03
±0.25pF
C0603C0G1H3R3C030BA
C0603C0G1E3R3C030BA
4 pF
0402
0.20±0.02
±0.25pF
C0402C0G1C040C020BC
0603
0.30±0.03
±0.25pF
C0603C0G1H040C030BA
C0603C0G1E040C030BA
1005
0.50±0.05
±0.10pF
C1005C0G1H040B050BA
±0.25pF
C1005C0G1H040C050BA
1608
0.80±0.10
±0.25pF
C1608C0G1H040C080AA
4.7 pF
0402
0.20±0.02
±0.25pF
C0402C0G1C4R7C020BC
0603
0.30±0.03
±0.25pF
C0603C0G1H4R7C030BA
C0603C0G1E4R7C030BA
5 pF
0402
0.20±0.02
±0.25pF
C0402C0G1C050C020BC
0603
0.30±0.03
±0.25pF
C0603C0G1H050C030BA
C0603C0G1E050C030BA
1005
0.50±0.05
±0.10pF
C1005C0G1H050B050BA
±0.25pF
C1005C0G1H050C050BA
1608
0.80±0.10
±0.25pF
C1608C0G1H050C080AA
6 pF
0402
0.20±0.02
±0.50pF
C0402C0G1C060D020BC
0603
0.30±0.03
±0.50pF
C0603C0G1H060D030BA
C0603C0G1E060D030BA
1005
0.50±0.05
±0.25pF
C1005C0G1H060C050BA
±0.50pF
C1005C0G1H060D050BA
1608
0.80±0.10
±0.25pF
C1608C0G1H060C080AA
±0.50pF
C1608C0G1H060D080AA
6.8 pF
0402
0.20±0.02
±0.50pF
C0402C0G1C6R8D020BC
0603
0.30±0.03
±0.50pF
C0603C0G1H6R8D030BA
C0603C0G1E6R8D030BA
7 pF
0402
0.20±0.02
±0.50pF
C0402C0G1C070D020BC
0603
0.30±0.03
±0.50pF
C0603C0G1H070D030BA
C0603C0G1E070D030BA
1005
0.50±0.05
±0.25pF
C1005C0G1H070C050BA
±0.50pF
C1005C0G1H070D050BA
1608
0.80±0.10
±0.25pF
C1608C0G1H070C080AA
±0.50pF
C1608C0G1H070D080AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com