Electronic Components Datasheet Search
  English  ▼

X  

CC01005 Datasheet(PDF) 37 Page - TDK Electronics

Part # CC01005
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC01005 Datasheet(HTML) 37 Page - TDK Electronics

Back Button CC01005 Datasheet HTML 33Page - TDK Electronics CC01005 Datasheet HTML 34Page - TDK Electronics CC01005 Datasheet HTML 35Page - TDK Electronics CC01005 Datasheet HTML 36Page - TDK Electronics CC01005 Datasheet HTML 37Page - TDK Electronics CC01005 Datasheet HTML 38Page - TDK Electronics CC01005 Datasheet HTML 39Page - TDK Electronics CC01005 Datasheet HTML 40Page - TDK Electronics CC01005 Datasheet HTML 41Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
(37/57)
20190215 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
 
■ Gray item: The product which is not recommended to a new design.
Capacitance range table
Temperature characteristics: JB (–25 to +85°C, ±10%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
330 nF
2012
1.25±0.20
±10%
C2012JB1H334K125AA
±20%
C2012JB1H334M125AA
470 nF
1005
0.50±0.05
±10%
C1005JB1V474K050BC
C1005JB1E474K050BB
C1005JB1C474K050BC
±20%
C1005JB1V474M050BC
C1005JB1E474M050BB
C1005JB1C474M050BC
1608
0.80±0.10
±10%
C1608JB1H474K080AB
C1608JB1V474K080AB
C1608JB1E474K080AC
C1608JB1C474K080AA
±20%
C1608JB1H474M080AB
C1608JB1V474M080AB
C1608JB1E474M080AC
C1608JB1C474M080AA
2012
1.25±0.20
±10%
C2012JB1H474K125AB
±20%
C2012JB1H474M125AB
680 nF
1005
0.50±0.05
±10%
C1005JB1V684K050BC
C1005JB1E684K050BC
C1005JB1C684K050BC
±20%
C1005JB1V684M050BC
C1005JB1E684M050BC
C1005JB1C684M050BC
1608
0.80±0.10
±10%
C1608JB1H684K080AB
C1608JB1V684K080AB
C1608JB1E684K080AC
C1608JB1C684K080AA
±20%
C1608JB1H684M080AB
C1608JB1V684M080AB
C1608JB1E684M080AC
C1608JB1C684M080AA
2012
1.25±0.20
±10%
C2012JB1H684K125AB
C2012JB1E684K125AA
±20%
C2012JB1H684M125AB
C2012JB1E684M125AA
1 µF
1005
0.50±0.05
±10%
C1005JB1V105K050BC
C1005JB1E105K050BC
C1005JB1C105K050BC
±20%
C1005JB1V105M050BC
C1005JB1E105M050BC
C1005JB1C105M050BC
1608
0.80±0.10
±10%
C1608JB1H105K080AB
C1608JB1V105K080AB
C1608JB1E105K080AC
C1608JB1C105K080AA
±20%
C1608JB1H105M080AB
C1608JB1V105M080AB
C1608JB1E105M080AC
C1608JB1C105M080AA
2012
0.85±0.15
±10%
C2012JB1H105K085AB
C2012JB1V105K085AB
C2012JB1E105K085AC
C2012JB1C105K085AA
±20%
C2012JB1H105M085AB
C2012JB1V105M085AB
C2012JB1E105M085AC
C2012JB1C105M085AA
1.25±0.20
±10%
C2012JB1H105K125AB
C2012JB1E105K125AA
±20%
C2012JB1H105M125AB
C2012JB1E105M125AA
3216
1.60±0.20
±10%
C3216JB1H105K160AA
±20%
C3216JB1H105M160AA
1.5 µF
1005
0.50±0.05
±10%
C1005JB1C155K050BC
±20%
C1005JB1C155M050BC
0.50±0.10
±10%
C1005JB1E155K050BC
±20%
C1005JB1E155M050BC
0.50+0.15, -0.10
±10%
C1005JB1V155K050BC
±20%
C1005JB1V155M050BC
1608
0.80±0.10
±10%
C1608JB1V155K080AC
C1608JB1E155K080AB
C1608JB1C155K080AB
±20%
C1608JB1V155M080AC
C1608JB1E155M080AB
C1608JB1C155M080AB
2012
0.85±0.15
±10%
C2012JB1E155K085AC
±20%
C2012JB1E155M085AC
1.25±0.20
±10%
C2012JB1H155K125AB
C2012JB1V155K125AB
C2012JB1E155K125AB
C2012JB1C155K125AA
±20%
C2012JB1H155M125AB
C2012JB1V155M125AB
C2012JB1E155M125AB
C2012JB1C155M125AA
3216
1.60±0.20
±10%
C3216JB1H155K160AB
C3216JB1E155K160AA
±20%
C3216JB1H155M160AB
C3216JB1E155M160AA
2.2 µF
1005
0.50±0.05
±10%
C1005JB1C225K050BC
±20%
C1005JB1C225M050BC
0.50±0.10
±10%
C1005JB1E225K050BC
±20%
C1005JB1E225M050BC
0.50+0.15, -0.10
±10%
C1005JB1V225K050BC
±20%
C1005JB1V225M050BC
1608
0.80±0.10
±10%
C1608JB1V225K080AC
C1608JB1E225K080AB
C1608JB1C225K080AB
±20%
C1608JB1V225M080AC
C1608JB1E225M080AB
C1608JB1C225M080AB
2012
0.85±0.15
±10%
C2012JB1H225K085AB
C2012JB1V225K085AB
C2012JB1E225K085AB
C2012JB1C225K085AC
±20%
C2012JB1H225M085AB
C2012JB1V225M085AB
C2012JB1E225M085AB
C2012JB1C225M085AC
1.25±0.20
±10%
C2012JB1H225K125AB
C2012JB1V225K125AB
C2012JB1E225K125AC
C2012JB1C225K125AA
±20%
C2012JB1H225M125AB
C2012JB1V225M125AB
C2012JB1E225M125AC
C2012JB1C225M125AA
3216
1.60±0.20
±10%
C3216JB1H225K160AB
C3216JB1E225K160AA
±20%
C3216JB1H225M160AB
C3216JB1E225M160AA
3225
2.00±0.20
±10%
C3225JB1H225K200AA
±20%
C3225JB1H225M200AA
3.3 µF
1608
0.80±0.10
±10%
C1608JB1E335K080AC
C1608JB1C335K080AC
±20%
C1608JB1E335M080AC
C1608JB1C335M080AC
0.80+0.20, -0.10
±10%
C1608JB1V335K080AC
±20%
C1608JB1V335M080AC
2012
0.60±0.15
±10%
C2012JB1C335K060AC
±20%
C2012JB1C335M060AC
0.85±0.15
±10%
C2012JB1E335K085AC
C2012JB1C335K085AB
±20%
C2012JB1E335M085AC
C2012JB1C335M085AB
1.25±0.20
±10%
C2012JB1H335K125AB
C2012JB1V335K125AC
C2012JB1E335K125AB
C2012JB1C335K125AC
±20%
C2012JB1H335M125AB
C2012JB1V335M125AC
C2012JB1E335M125AB
C2012JB1C335M125AC
3216
1.60±0.20
±10%
C3216JB1H335K160AB
C3216JB1V335K160AB
C3216JB1E335K160AA
±20%
C3216JB1H335M160AB
C3216JB1V335M160AB
C3216JB1E335M160AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com