Electronic Components Datasheet Search
  English  ▼

X  

CC01005 Datasheet(PDF) 31 Page - TDK Electronics

Part # CC01005
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC01005 Datasheet(HTML) 31 Page - TDK Electronics

Back Button CC01005 Datasheet HTML 27Page - TDK Electronics CC01005 Datasheet HTML 28Page - TDK Electronics CC01005 Datasheet HTML 29Page - TDK Electronics CC01005 Datasheet HTML 30Page - TDK Electronics CC01005 Datasheet HTML 31Page - TDK Electronics CC01005 Datasheet HTML 32Page - TDK Electronics CC01005 Datasheet HTML 33Page - TDK Electronics CC01005 Datasheet HTML 34Page - TDK Electronics CC01005 Datasheet HTML 35Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
(31/57)
20190215 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
 
■ Gray item: The product which is not recommended to a new design.
Capacitance range table
Temperature characteristics: CH (–25 to +85°C, 0±60 ppm/°C)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
8 pF
0402
0.20±0.02
±0.50pF
C0402CH1C080D020BC
0603
0.30±0.03
±0.50pF
C0603CH1H080D030BA
C0603CH1E080D030BA
1005
0.50±0.05
±0.25pF
C1005CH1H080C050BA
±0.50pF
C1005CH1H080D050BA
1608
0.80±0.10
±0.25pF
C1608CH1H080C080AA
±0.50pF
C1608CH1H080D080AA
9 pF
0402
0.20±0.02
±0.50pF
C0402CH1C090D020BC
0603
0.30±0.03
±0.50pF
C0603CH1H090D030BA
C0603CH1E090D030BA
1005
0.50±0.05
±0.25pF
C1005CH1H090C050BA
±0.50pF
C1005CH1H090D050BA
1608
0.80±0.10
±0.25pF
C1608CH1H090C080AA
±0.50pF
C1608CH1H090D080AA
10 pF
0402
0.20±0.02
±0.50pF
C0402CH1C100D020BC
0603
0.30±0.03
±0.50pF
C0603CH1H100D030BA
C0603CH1E100D030BA
1005
0.50±0.05
±0.25pF
C1005CH1H100C050BA
±0.50pF
C1005CH1H100D050BA
1608
0.80±0.10
±0.25pF
C1608CH1H100C080AA
±0.50pF
C1608CH1H100D080AA
12 pF
0402
0.20±0.02
±10%
C0402CH1C120K020BC
±5%
C0402CH1C120J020BC
0603
0.30±0.03
±10%
C0603CH1H120K030BA
C0603CH1E120K030BA
±5%
C0603CH1H120J030BA
C0603CH1E120J030BA
1005
0.50±0.05
±5%
C1005CH1H120J050BA
1608
0.80±0.10
±5%
C1608CH1H120J080AA
15 pF
0402
0.20±0.02
±10%
C0402CH1C150K020BC
±5%
C0402CH1C150J020BC
0603
0.30±0.03
±10%
C0603CH1H150K030BA
C0603CH1E150K030BA
±5%
C0603CH1H150J030BA
C0603CH1E150J030BA
1005
0.50±0.05
±5%
C1005CH1H150J050BA
1608
0.80±0.10
±5%
C1608CH1H150J080AA
18 pF
0402
0.20±0.02
±10%
C0402CH1C180K020BC
±5%
C0402CH1C180J020BC
0603
0.30±0.03
±10%
C0603CH1H180K030BA
C0603CH1E180K030BA
±5%
C0603CH1H180J030BA
C0603CH1E180J030BA
1005
0.50±0.05
±5%
C1005CH1H180J050BA
1608
0.80±0.10
±5%
C1608CH1H180J080AA
22 pF
0402
0.20±0.02
±10%
C0402CH1C220K020BC
±5%
C0402CH1C220J020BC
0603
0.30±0.03
±10%
C0603CH1H220K030BA
C0603CH1E220K030BA
±5%
C0603CH1H220J030BA
C0603CH1E220J030BA
1005
0.50±0.05
±5%
C1005CH1H220J050BA
1608
0.80±0.10
±5%
C1608CH1H220J080AA
27 pF
0402
0.20±0.02
±10%
C0402CH1C270K020BC
±5%
C0402CH1C270J020BC
0603
0.30±0.03
±10%
C0603CH1H270K030BA
C0603CH1E270K030BA
±5%
C0603CH1H270J030BA
C0603CH1E270J030BA
1005
0.50±0.05
±5%
C1005CH1H270J050BA
1608
0.80±0.10
±5%
C1608CH1H270J080AA
33 pF
0402
0.20±0.02
±10%
C0402CH1C330K020BC
±5%
C0402CH1C330J020BC
0603
0.30±0.03
±10%
C0603CH1H330K030BA
C0603CH1E330K030BA
±5%
C0603CH1H330J030BA
C0603CH1E330J030BA
1005
0.50±0.05
±5%
C1005CH1H330J050BA
1608
0.80±0.10
±5%
C1608CH1H330J080AA
39 pF
0402
0.20±0.02
±10%
C0402CH1C390K020BC
±5%
C0402CH1C390J020BC
0603
0.30±0.03
±10%
C0603CH1H390K030BA
C0603CH1E390K030BA
±5%
C0603CH1H390J030BA
C0603CH1E390J030BA
1005
0.50±0.05
±5%
C1005CH1H390J050BA
1608
0.80±0.10
±5%
C1608CH1H390J080AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com