Electronic Components Datasheet Search
  English  ▼

X  

CC01005 Datasheet(PDF) 43 Page - TDK Electronics

Part # CC01005
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC01005 Datasheet(HTML) 43 Page - TDK Electronics

Back Button CC01005 Datasheet HTML 39Page - TDK Electronics CC01005 Datasheet HTML 40Page - TDK Electronics CC01005 Datasheet HTML 41Page - TDK Electronics CC01005 Datasheet HTML 42Page - TDK Electronics CC01005 Datasheet HTML 43Page - TDK Electronics CC01005 Datasheet HTML 44Page - TDK Electronics CC01005 Datasheet HTML 45Page - TDK Electronics CC01005 Datasheet HTML 46Page - TDK Electronics CC01005 Datasheet HTML 47Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
(43/57)
20190215 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■ Gray item: The product which is not recommended to a new design.
Capacitance range table
Temperature characteristics: X5R (–55 to +85°C, ±15%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
220 nF
0603
0.30±0.03
±10%
C0603X5R1C224K030BC
±20%
C0603X5R1C224M030BC
0.30±0.05
±10%
C0603X5R1E224K030BC
±20%
C0603X5R1E224M030BC
1005
0.50±0.05
±10%
C1005X5R1E224K050BC
C1005X5R1C224K050BB
±20%
C1005X5R1E224M050BC
C1005X5R1C224M050BB
1608
0.80±0.10
±10%
C1608X5R1H224K080AB
C1608X5R1V224K080AB
C1608X5R1E224K080AA
±20%
C1608X5R1H224M080AB
C1608X5R1V224M080AB
C1608X5R1E224M080AA
2012
1.25±0.20
±10%
C2012X5R1H224K125AA
±20%
C2012X5R1H224M125AA
330 nF
1005
0.50±0.05
±10%
C1005X5R1V334K050BC
C1005X5R1E334K050BB
±20%
C1005X5R1V334M050BC
C1005X5R1E334M050BB
1608
0.80±0.10
±10%
C1608X5R1H334K080AB
C1608X5R1V334K080AB
C1608X5R1E334K080AC
C1608X5R1C334K080AA
±20%
C1608X5R1H334M080AB
C1608X5R1V334M080AB
C1608X5R1E334M080AC
C1608X5R1C334M080AA
2012
1.25±0.20
±10%
C2012X5R1H334K125AA
±20%
C2012X5R1H334M125AA
470 nF
1005
0.50±0.05
±10%
C1005X5R1V474K050BC
C1005X5R1E474K050BB
±20%
C1005X5R1V474M050BC
C1005X5R1E474M050BB
1608
0.80±0.10
±10%
C1608X5R1H474K080AB
C1608X5R1V474K080AB
C1608X5R1E474K080AC
C1608X5R1C474K080AA
±20%
C1608X5R1H474M080AB
C1608X5R1V474M080AB
C1608X5R1E474M080AC
C1608X5R1C474M080AA
2012
1.25±0.20
±10%
C2012X5R1H474K125AB
±20%
C2012X5R1H474M125AB
680 nF
1005
0.50±0.05
±10%
C1005X5R1V684K050BC
C1005X5R1E684K050BC
C1005X5R1C684K050BC
±20%
C1005X5R1V684M050BC
C1005X5R1E684M050BC
C1005X5R1C684M050BC
1608
0.80±0.10
±10%
C1608X5R1H684K080AB
C1608X5R1V684K080AB
C1608X5R1E684K080AC
C1608X5R1C684K080AA
±20%
C1608X5R1H684M080AB
C1608X5R1V684M080AB
C1608X5R1E684M080AC
C1608X5R1C684M080AA
2012
1.25±0.20
±10%
C2012X5R1H684K125AB
C2012X5R1E684K125AA
±20%
C2012X5R1H684M125AB
C2012X5R1E684M125AA
1 µF
1005
0.50±0.05
±10%
C1005X5R1V105K050BC
C1005X5R1E105K050BC
±20%
C1005X5R1V105M050BC
C1005X5R1E105M050BC
1608
0.80±0.10
±10%
C1608X5R1H105K080AB
C1608X5R1V105K080AB
C1608X5R1E105K080AC
C1608X5R1C105K080AA
±20%
C1608X5R1H105M080AB
C1608X5R1V105M080AB
C1608X5R1E105M080AC
C1608X5R1C105M080AA
2012
0.85±0.15
±10%
C2012X5R1H105K085AB
C2012X5R1V105K085AB
C2012X5R1E105K085AC
C2012X5R1C105K085AA
±20%
C2012X5R1H105M085AB
C2012X5R1V105M085AB
C2012X5R1E105M085AC
C2012X5R1C105M085AA
1.25±0.20
±10%
C2012X5R1H105K125AB
C2012X5R1E105K125AA
±20%
C2012X5R1H105M125AB
C2012X5R1E105M125AA
3216
1.60±0.20
±10%
C3216X5R1H105K160AA
±20%
C3216X5R1H105M160AA
1.5 µF
1005
0.50±0.05
±10%
C1005X5R1C155K050BC
±20%
C1005X5R1C155M050BC
0.50±0.10
±10%
C1005X5R1E155K050BC
±20%
C1005X5R1E155M050BC
0.50+0.15, -0.10
±10%
C1005X5R1V155K050BC
±20%
C1005X5R1V155M050BC
1608
0.80±0.10
±10%
C1608X5R1V155K080AC
C1608X5R1E155K080AB
C1608X5R1C155K080AB
±20%
C1608X5R1V155M080AC
C1608X5R1E155M080AB
C1608X5R1C155M080AB
2012
0.85±0.15
±10%
C2012X5R1E155K085AC
±20%
C2012X5R1E155M085AC
1.25±0.20
±10%
C2012X5R1H155K125AB
C2012X5R1V155K125AB
C2012X5R1E155K125AA
C2012X5R1C155K125AA
±20%
C2012X5R1H155M125AB
C2012X5R1V155M125AB
C2012X5R1E155M125AA
C2012X5R1C155M125AA
3216
1.60±0.20
±10%
C3216X5R1H155K160AB
C3216X5R1E155K160AA
±20%
C3216X5R1H155M160AB
C3216X5R1E155M160AA
2.2 µF
1005
0.50±0.05
±10%
C1005X5R1C225K050BC
±20%
C1005X5R1C225M050BC
0.50±0.10
±10%
C1005X5R1E225K050BC
±20%
C1005X5R1E225M050BC
0.50+0.15, -0.10
±10%
C1005X5R1V225K050BC
±20%
C1005X5R1V225M050BC
1608
0.80±0.10
±10%
C1608X5R1V225K080AC
C1608X5R1E225K080AB
C1608X5R1C225K080AB
±20%
C1608X5R1V225M080AC
C1608X5R1E225M080AB
C1608X5R1C225M080AB
2012
0.85±0.15
±10%
C2012X5R1H225K085AB
C2012X5R1V225K085AB
C2012X5R1E225K085AC
C2012X5R1C225K085AC
±20%
C2012X5R1H225M085AB
C2012X5R1V225M085AB
C2012X5R1E225M085AC
C2012X5R1C225M085AC
1.25±0.20
±10%
C2012X5R1H225K125AB
C2012X5R1V225K125AB
C2012X5R1E225K125AC
C2012X5R1C225K125AA
±20%
C2012X5R1H225M125AB
C2012X5R1V225M125AB
C2012X5R1E225M125AC
C2012X5R1C225M125AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com