Electronic Components Datasheet Search
  English  ▼

X  

CC01005 Datasheet(PDF) 32 Page - TDK Electronics

Part # CC01005
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC01005 Datasheet(HTML) 32 Page - TDK Electronics

Back Button CC01005 Datasheet HTML 28Page - TDK Electronics CC01005 Datasheet HTML 29Page - TDK Electronics CC01005 Datasheet HTML 30Page - TDK Electronics CC01005 Datasheet HTML 31Page - TDK Electronics CC01005 Datasheet HTML 32Page - TDK Electronics CC01005 Datasheet HTML 33Page - TDK Electronics CC01005 Datasheet HTML 34Page - TDK Electronics CC01005 Datasheet HTML 35Page - TDK Electronics CC01005 Datasheet HTML 36Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
(32/57)
20190215 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
 
■ Gray item: The product which is not recommended to a new design.
Capacitance range table
Temperature characteristics: CH (–25 to +85°C, 0±60 ppm/°C)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
47 pF
0402
0.20±0.02
±10%
C0402CH1C470K020BC
±5%
C0402CH1C470J020BC
0603
0.30±0.03
±10%
C0603CH1H470K030BA
C0603CH1E470K030BA
±5%
C0603CH1H470J030BA
C0603CH1E470J030BA
1005
0.50±0.05
±5%
C1005CH1H470J050BA
1608
0.80±0.10
±5%
C1608CH1H470J080AA
56 pF
0402
0.20±0.02
±10%
C0402CH1C560K020BC
±5%
C0402CH1C560J020BC
0603
0.30±0.03
±10%
C0603CH1H560K030BA
C0603CH1E560K030BA
±5%
C0603CH1H560J030BA
C0603CH1E560J030BA
1005
0.50±0.05
±5%
C1005CH1H560J050BA
1608
0.80±0.10
±5%
C1608CH1H560J080AA
68 pF
0402
0.20±0.02
±10%
C0402CH1C680K020BC
±5%
C0402CH1C680J020BC
0603
0.30±0.03
±10%
C0603CH1H680K030BA
C0603CH1E680K030BA
±5%
C0603CH1H680J030BA
C0603CH1E680J030BA
1005
0.50±0.05
±5%
C1005CH1H680J050BA
1608
0.80±0.10
±5%
C1608CH1H680J080AA
82 pF
0402
0.20±0.02
±10%
C0402CH1C820K020BC
±5%
C0402CH1C820J020BC
0603
0.30±0.03
±10%
C0603CH1H820K030BA
C0603CH1E820K030BA
±5%
C0603CH1H820J030BA
C0603CH1E820J030BA
1005
0.50±0.05
±5%
C1005CH1H820J050BA
1608
0.80±0.10
±5%
C1608CH1H820J080AA
100 pF
0402
0.20±0.02
±10%
C0402CH1C101K020BC
±5%
C0402CH1C101J020BC
0603
0.30±0.03
±10%
C0603CH1H101K030BA
C0603CH1E101K030BA
±5%
C0603CH1H101J030BA
C0603CH1E101J030BA
1005
0.50±0.05
±10%
C1005CH1H101K050BA
±5%
C1005CH1H101J050BA
1608
0.80±0.10
±10%
C1608CH1H101K080AA
±5%
C1608CH1H101J080AA
120 pF
1005
0.50±0.05
±10%
C1005CH1H121K050BA
±5%
C1005CH1H121J050BA
1608
0.80±0.10
±10%
C1608CH1H121K080AA
±5%
C1608CH1H121J080AA
150 pF
1005
0.50±0.05
±10%
C1005CH1H151K050BA
±5%
C1005CH1H151J050BA
1608
0.80±0.10
±10%
C1608CH1H151K080AA
±5%
C1608CH1H151J080AA
180 pF
1005
0.50±0.05
±10%
C1005CH1H181K050BA
±5%
C1005CH1H181J050BA
1608
0.80±0.10
±10%
C1608CH1H181K080AA
±5%
C1608CH1H181J080AA
220 pF
1005
0.50±0.05
±10%
C1005CH1H221K050BA
±5%
C1005CH1H221J050BA
1608
0.80±0.10
±10%
C1608CH1H221K080AA
±5%
C1608CH1H221J080AA
270 pF
1005
0.50±0.05
±10%
C1005CH1H271K050BA
±5%
C1005CH1H271J050BA
1608
0.80±0.10
±10%
C1608CH1H271K080AA
±5%
C1608CH1H271J080AA
330 pF
1005
0.50±0.05
±10%
C1005CH1H331K050BA
±5%
C1005CH1H331J050BA
1608
0.80±0.10
±10%
C1608CH1H331K080AA
±5%
C1608CH1H331J080AA
390 pF
1005
0.50±0.05
±10%
C1005CH1H391K050BA
±5%
C1005CH1H391J050BA
1608
0.80±0.10
±10%
C1608CH1H391K080AA
±5%
C1608CH1H391J080AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com