Electronic Components Datasheet Search
  English  ▼

X  

CC01005 Datasheet(PDF) 36 Page - TDK Electronics

Part # CC01005
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC01005 Datasheet(HTML) 36 Page - TDK Electronics

Back Button CC01005 Datasheet HTML 32Page - TDK Electronics CC01005 Datasheet HTML 33Page - TDK Electronics CC01005 Datasheet HTML 34Page - TDK Electronics CC01005 Datasheet HTML 35Page - TDK Electronics CC01005 Datasheet HTML 36Page - TDK Electronics CC01005 Datasheet HTML 37Page - TDK Electronics CC01005 Datasheet HTML 38Page - TDK Electronics CC01005 Datasheet HTML 39Page - TDK Electronics CC01005 Datasheet HTML 40Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
(36/57)
20190215 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
 
■ Gray item: The product which is not recommended to a new design.
Capacitance range table
Temperature characteristics: JB (–25 to +85°C, ±10%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
6.8 nF
1005
0.50±0.05
±10%
C1005JB1H682K050BA
±20%
C1005JB1H682M050BA
10 nF
1005
0.50±0.05
±10%
C1005JB1H103K050BB
C1005JB1E103K050BA
±20%
C1005JB1H103M050BB
C1005JB1E103M050BA
1608
0.80±0.10
±10%
C1608JB1H103K080AA
±20%
C1608JB1H103M080AA
15 nF
1005
0.50±0.05
±10%
C1005JB1H153K050BB
C1005JB1E153K050BA
C1005JB1C153K050BA
±20%
C1005JB1H153M050BB
C1005JB1E153M050BA
C1005JB1C153M050BA
1608
0.80±0.10
±10%
C1608JB1H153K080AA
±20%
C1608JB1H153M080AA
22 nF
0603
0.30±0.03
±10%
C0603JB1E223K030BB
±20%
C0603JB1E223M030BB
1005
0.50±0.05
±10%
C1005JB1H223K050BB
C1005JB1E223K050BA
C1005JB1C223K050BA
±20%
C1005JB1H223M050BB
C1005JB1E223M050BA
C1005JB1C223M050BA
1608
0.80±0.10
±10%
C1608JB1H223K080AA
±20%
C1608JB1H223M080AA
33 nF
1005
0.50±0.05
±10%
C1005JB1H333K050BB
C1005JB1E333K050BA
C1005JB1C333K050BA
±20%
C1005JB1H333M050BB
C1005JB1E333M050BA
C1005JB1C333M050BA
1608
0.80±0.10
±10%
C1608JB1H333K080AA
±20%
C1608JB1H333M080AA
47 nF
0603
0.30±0.03
±10%
C0603JB1E473K030BB
±20%
C0603JB1E473M030BB
1005
0.50±0.05
±10%
C1005JB1H473K050BB
C1005JB1E473K050BA
C1005JB1C473K050BA
±20%
C1005JB1H473M050BB
C1005JB1E473M050BA
C1005JB1C473M050BA
1608
0.80±0.10
±10%
C1608JB1H473K080AA
±20%
C1608JB1H473M080AA
68 nF
1005
0.50±0.05
±10%
C1005JB1H683K050BB
C1005JB1V683K050BB
C1005JB1E683K050BC
C1005JB1C683K050BA
±20%
C1005JB1H683M050BB
C1005JB1V683M050BB
C1005JB1E683M050BC
C1005JB1C683M050BA
1608
0.80±0.10
±10%
C1608JB1H683K080AA
±20%
C1608JB1H683M080AA
100 nF
0603
0.30±0.03
±10%
C0603JB1E104K030BB
C0603JB1C104K030BC
±20%
C0603JB1E104M030BB
C0603JB1C104M030BC
1005
0.50±0.05
±10%
C1005JB1H104K050BB
C1005JB1V104K050BB
C1005JB1E104K050BC
C1005JB1C104K050BA
±20%
C1005JB1H104M050BB
C1005JB1V104M050BB
C1005JB1E104M050BC
C1005JB1C104M050BA
1608
0.80±0.10
±10%
C1608JB1H104K080AA
±20%
C1608JB1H104M080AA
2012
0.85±0.15
±10%
C2012JB1H104K085AA
±20%
C2012JB1H104M085AA
150 nF
0603
0.30±0.03
±10%
C0603JB1C154K030BC
±20%
C0603JB1C154M030BC
0.30±0.05
±10%
C0603JB1E154K030BC
±20%
C0603JB1E154M030BC
1005
0.50±0.05
±10%
C1005JB1E154K050BC
C1005JB1C154K050BB
±20%
C1005JB1E154M050BC
C1005JB1C154M050BB
1608
0.80±0.10
±10%
C1608JB1H154K080AB
C1608JB1V154K080AB
C1608JB1E154K080AA
±20%
C1608JB1H154M080AB
C1608JB1V154M080AB
C1608JB1E154M080AA
2012
0.85±0.15
±10%
C2012JB1H154K085AA
±20%
C2012JB1H154M085AA
220 nF
0603
0.30±0.03
±10%
C0603JB1C224K030BC
±20%
C0603JB1C224M030BC
0.30±0.05
±10%
C0603JB1E224K030BC
±20%
C0603JB1E224M030BC
1005
0.50±0.05
±10%
C1005JB1E224K050BC
C1005JB1C224K050BB
±20%
C1005JB1E224M050BC
C1005JB1C224M050BB
1608
0.80±0.10
±10%
C1608JB1H224K080AB
C1608JB1V224K080AB
C1608JB1E224K080AA
±20%
C1608JB1H224M080AB
C1608JB1V224M080AB
C1608JB1E224M080AA
2012
1.25±0.20
±10%
C2012JB1H224K125AA
±20%
C2012JB1H224M125AA
330 nF
1005
0.50±0.05
±10%
C1005JB1V334K050BC
C1005JB1E334K050BB
C1005JB1C334K050BC
±20%
C1005JB1V334M050BC
C1005JB1E334M050BB
C1005JB1C334M050BC
1608
0.80±0.10
±10%
C1608JB1H334K080AB
C1608JB1V334K080AB
C1608JB1E334K080AC
C1608JB1C334K080AA
±20%
C1608JB1H334M080AB
C1608JB1V334M080AB
C1608JB1E334M080AC
C1608JB1C334M080AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com