Electronic Components Datasheet Search
  English  ▼

X  

CC01005 Datasheet(PDF) 29 Page - TDK Electronics

Part # CC01005
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC01005 Datasheet(HTML) 29 Page - TDK Electronics

Back Button CC01005 Datasheet HTML 25Page - TDK Electronics CC01005 Datasheet HTML 26Page - TDK Electronics CC01005 Datasheet HTML 27Page - TDK Electronics CC01005 Datasheet HTML 28Page - TDK Electronics CC01005 Datasheet HTML 29Page - TDK Electronics CC01005 Datasheet HTML 30Page - TDK Electronics CC01005 Datasheet HTML 31Page - TDK Electronics CC01005 Datasheet HTML 32Page - TDK Electronics CC01005 Datasheet HTML 33Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
(29/57)
20190215 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
 
■ Gray item: The product which is not recommended to a new design.
Capacitance range table
Temperature characteristics: C0G (–55 to +125°C, 0±30 ppm/°C)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
6.8 nF
1608
0.80±0.10
±10%
C1608C0G1H682K080AA
±5%
C1608C0G1H682J080AA
C1608C0G1E682J080AA
2012
0.60±0.15
±10%
C2012C0G1H682K060AA
±5%
C2012C0G1H682J060AA
3216
0.60±0.15
±10%
C3216C0G1H682K060AA
±5%
C3216C0G1H682J060AA
8.2 nF
1608
0.80±0.10
±10%
C1608C0G1H822K080AA
±5%
C1608C0G1H822J080AA
C1608C0G1E822J080AA
2012
0.60±0.15
±10%
C2012C0G1H822K060AA
±5%
C2012C0G1H822J060AA
3216
0.60±0.15
±10%
C3216C0G1H822K060AA
±5%
C3216C0G1H822J060AA
10 nF
1608
0.80±0.10
±10%
C1608C0G1H103K080AA
C1608C0G1V103K080AC
±5%
C1608C0G1H103J080AA
C1608C0G1V103J080AC
C1608C0G1E103J080AA
2012
0.60±0.15
±10%
C2012C0G1H103K060AA
±5%
C2012C0G1H103J060AA
C2012C0G1E103J060AA
3216
0.60±0.15
±10%
C3216C0G1H103K060AA
±5%
C3216C0G1H103J060AA
15 nF
1608
0.80±0.10
±10%
C1608C0G1V153K080AC
±5%
C1608C0G1V153J080AC
2012
0.85±0.15
±10%
C2012C0G1H153K085AA
±5%
C2012C0G1H153J085AA
C2012C0G1E153J085AA
3216
0.60±0.15
±10%
C3216C0G1H153K060AA
±5%
C3216C0G1H153J060AA
18 nF
1608
0.80±0.10
±10%
C1608C0G1V183K080AC
±5%
C1608C0G1V183J080AC
2012
0.60±0.15
±10%
C2012C0G1V183K060AC
±5%
C2012C0G1V183J060AC
22 nF
2012
0.60±0.15
±10%
C2012C0G1V223K060AC
±5%
C2012C0G1V223J060AC
1.25±0.20
±10%
C2012C0G1H223K125AA
±5%
C2012C0G1H223J125AA
C2012C0G1E223J125AA
3216
0.60±0.15
±10%
C3216C0G1H223K060AA
±5%
C3216C0G1H223J060AA
3225
1.25±0.20
±10%
C3225C0G1H223K125AA
±5%
C3225C0G1H223J125AA
27 nF
2012
0.60±0.15
±10%
C2012C0G1V273K060AC
±5%
C2012C0G1V273J060AC
30 nF
2012
0.60±0.15
±10%
C2012C0G1V303K060AC
±5%
C2012C0G1V303J060AC
33 nF
2012
1.25±0.20
±10%
C2012C0G1H333K125AA
±5%
C2012C0G1H333J125AA
C2012C0G1E333J125AA
3216
0.85±0.15
±10%
C3216C0G1H333K085AA
±5%
C3216C0G1H333J085AA
3225
1.60±0.20
±10%
C3225C0G1H333K160AA
±5%
C3225C0G1H333J160AA
47 nF
3216
1.15±0.15
±10%
C3216C0G1H473K115AA
±5%
C3216C0G1H473J115AA
3225
2.00±0.20
±10%
C3225C0G1H473K200AA
±5%
C3225C0G1H473J200AA
4532
1.60±0.20
±10%
C4532C0G1H473K160KA
±5%
C4532C0G1H473J160KA
68 nF
3216
1.60±0.20
±10%
C3216C0G1H683K160AA
±5%
C3216C0G1H683J160AA
3225
2.00±0.20
±10%
C3225C0G1H683K200AA
±5%
C3225C0G1H683J200AA
4532
1.60±0.20
±10%
C4532C0G1H683K160KA
±5%
C4532C0G1H683J160KA
100 nF
3216
1.60±0.20
±10%
C3216C0G1H104K160AA
±5%
C3216C0G1H104J160AA
3225
2.50±0.30
±10%
C3225C0G1H104K250AA
±5%
C3225C0G1H104J250AA
4532
2.00±0.20
±10%
C4532C0G1H104K200KA
±5%
C4532C0G1H104J200KA
150 nF
4532
2.50±0.30
±10%
C4532C0G1H154K250KA
±5%
C4532C0G1H154J250KA
220 nF
4532
3.20±0.30
±10%
C4532C0G1H224K320KA
±5%
C4532C0G1H224J320KA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com