Electronic Components Datasheet Search
  English  ▼

X  

CC01005 Datasheet(PDF) 35 Page - TDK Electronics

Part # CC01005
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC01005 Datasheet(HTML) 35 Page - TDK Electronics

Back Button CC01005 Datasheet HTML 31Page - TDK Electronics CC01005 Datasheet HTML 32Page - TDK Electronics CC01005 Datasheet HTML 33Page - TDK Electronics CC01005 Datasheet HTML 34Page - TDK Electronics CC01005 Datasheet HTML 35Page - TDK Electronics CC01005 Datasheet HTML 36Page - TDK Electronics CC01005 Datasheet HTML 37Page - TDK Electronics CC01005 Datasheet HTML 38Page - TDK Electronics CC01005 Datasheet HTML 39Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
(35/57)
20190215 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
 
■ Gray item: The product which is not recommended to a new design.
 
■ Gray item: The product which is not recommended to a new design.
Capacitance range table
Temperature characteristics: CH (–25 to +85°C, 0±60 ppm/°C)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
100 nF
3216
1.60±0.20
±10%
C3216CH1H104K160AA
±5%
C3216CH1H104J160AA
3225
2.50±0.30
±10%
C3225CH1H104K250AA
±5%
C3225CH1H104J250AA
4532
2.00±0.20
±10%
C4532CH1H104K200KA
±5%
C4532CH1H104J200KA
150 nF
4532
2.50±0.30
±10%
C4532CH1H154K250KA
±5%
C4532CH1H154J250KA
220 nF
4532
3.20±0.30
±10%
C4532CH1H224K320KA
±5%
C4532CH1H224J320KA
Capacitance range table
Temperature characteristics: JB (–25 to +85°C, ±10%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
100 pF
0402
0.20±0.02
±10%
C0402JB1C101K020BC
±20%
C0402JB1C101M020BC
0603
0.30±0.03
±10%
C0603JB1E101K030BA
±20%
C0603JB1E101M030BA
150 pF
0402
0.20±0.02
±10%
C0402JB1C151K020BC
±20%
C0402JB1C151M020BC
0603
0.30±0.03
±10%
C0603JB1E151K030BA
±20%
C0603JB1E151M030BA
220 pF
0402
0.20±0.02
±10%
C0402JB1C221K020BC
±20%
C0402JB1C221M020BC
0603
0.30±0.03
±10%
C0603JB1E221K030BA
±20%
C0603JB1E221M030BA
1005
0.50±0.05
±10%
C1005JB1H221K050BA
±20%
C1005JB1H221M050BA
330 pF
0402
0.20±0.02
±10%
C0402JB1C331K020BC
±20%
C0402JB1C331M020BC
0603
0.30±0.03
±10%
C0603JB1E331K030BA
±20%
C0603JB1E331M030BA
1005
0.50±0.05
±10%
C1005JB1H331K050BA
±20%
C1005JB1H331M050BA
470 pF
0402
0.20±0.02
±10%
C0402JB1C471K020BC
±20%
C0402JB1C471M020BC
0603
0.30±0.03
±10%
C0603JB1E471K030BA
±20%
C0603JB1E471M030BA
1005
0.50±0.05
±10%
C1005JB1H471K050BA
±20%
C1005JB1H471M050BA
680 pF
0402
0.20±0.02
±10%
C0402JB1C681K020BC
±20%
C0402JB1C681M020BC
0603
0.30±0.03
±10%
C0603JB1E681K030BA
±20%
C0603JB1E681M030BA
1005
0.50±0.05
±10%
C1005JB1H681K050BA
±20%
C1005JB1H681M050BA
1 nF
0603
0.30±0.03
±10%
C0603JB1E102K030BA
±20%
C0603JB1E102M030BA
1005
0.50±0.05
±10%
C1005JB1H102K050BA
±20%
C1005JB1H102M050BA
1.5 nF
0603
0.30±0.03
±10%
C0603JB1E152K030BA
±20%
C0603JB1E152M030BA
1005
0.50±0.05
±10%
C1005JB1H152K050BA
±20%
C1005JB1H152M050BA
2.2 nF
0603
0.30±0.03
±10%
C0603JB1E222K030BA
±20%
C0603JB1E222M030BA
1005
0.50±0.05
±10%
C1005JB1H222K050BA
±20%
C1005JB1H222M050BA
3.3 nF
0603
0.30±0.03
±10%
C0603JB1E332K030BA
±20%
C0603JB1E332M030BA
1005
0.50±0.05
±10%
C1005JB1H332K050BA
±20%
C1005JB1H332M050BA
4.7 nF
0603
0.30±0.03
±10%
C0603JB1C472K030BA
±20%
C0603JB1C472M030BA
1005
0.50±0.05
±10%
C1005JB1H472K050BA
±20%
C1005JB1H472M050BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com