Electronic Components Datasheet Search
  English  ▼

X  

CC01005 Datasheet(PDF) 57 Page - TDK Electronics

Part # CC01005
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC01005 Datasheet(HTML) 57 Page - TDK Electronics

Back Button CC01005 Datasheet HTML 49Page - TDK Electronics CC01005 Datasheet HTML 50Page - TDK Electronics CC01005 Datasheet HTML 51Page - TDK Electronics CC01005 Datasheet HTML 52Page - TDK Electronics CC01005 Datasheet HTML 53Page - TDK Electronics CC01005 Datasheet HTML 54Page - TDK Electronics CC01005 Datasheet HTML 55Page - TDK Electronics CC01005 Datasheet HTML 56Page - TDK Electronics CC01005 Datasheet HTML 57Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 57 / 57 page
background image
(57/57)
20190215 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■ Gray item: The product which is not recommended to a new design.
Capacitance range table
Temperature characteristics: X7S (–55 to +125°C, ±22%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 10V
Rated voltage Edc: 6.3V
Rated voltage Edc: 4V
22 nF
0603
0.30±0.03
±10%
C0603X7S1A223K030BC
C0603X7S0J223K030BB
±20%
C0603X7S1A223M030BC
C0603X7S0J223M030BB
47 nF
0603
0.30±0.03
±10%
C0603X7S1A473K030BC
C0603X7S0J473K030BB
±20%
C0603X7S1A473M030BC
C0603X7S0J473M030BB
100 nF
0603
0.30±0.03
±10%
C0603X7S1A104K030BC
C0603X7S0G104K030BC
±20%
C0603X7S1A104M030BC
C0603X7S0G104M030BC
150 nF
0603
0.30±0.05
±10%
C0603X7S0J154K030BC
±20%
C0603X7S0J154M030BC
220 nF
0603
0.30±0.03
±10%
C0603X7S0G224K030BC
±20%
C0603X7S0G224M030BC
0.30±0.05
±10%
C0603X7S0J224K030BC
±20%
C0603X7S0J224M030BC
330 nF
1005
0.50±0.05
±10%
C1005X7S1A334K050BC
C1005X7S0J334K050BC
±20%
C1005X7S1A334M050BC
C1005X7S0J334M050BC
470 nF
1005
0.50±0.05
±10%
C1005X7S1A474K050BC
C1005X7S0J474K050BB
±20%
C1005X7S1A474M050BC
C1005X7S0J474M050BB
680 nF
1005
0.50±0.05
±10%
C1005X7S1A684K050BC
C1005X7S0J684K050BC
C1005X7S0G684K050BC
±20%
C1005X7S1A684M050BC
C1005X7S0J684M050BC
C1005X7S0G684M050BC
1 µF
1005
0.50±0.05
±10%
C1005X7S1A105K050BC
C1005X7S0J105K050BC
C1005X7S0G105K050BC
±20%
C1005X7S1A105M050BC
C1005X7S0J105M050BC
C1005X7S0G105M050BC
1.5 µF
1005
0.50±0.05
±10%
C1005X7S0G155K050BC
±20%
C1005X7S0G155M050BC
0.50±0.10
±10%
C1005X7S0J155K050BC
±20%
C1005X7S0J155M050BC
0.50+0.15, -0.10
±10%
C1005X7S1A155K050BC
±20%
C1005X7S1A155M050BC
2.2 µF
1005
0.50±0.05
±10%
C1005X7S0G225K050BC
±20%
C1005X7S0G225M050BC
0.50±0.10
±10%
C1005X7S0J225K050BC
±20%
C1005X7S0J225M050BC
0.50+0.15, -0.10
±10%
C1005X7S1A225K050BC
±20%
C1005X7S1A225M050BC
1608
0.80±0.10
±10%
C1608X7S1A225K080AC
C1608X7S0J225K080AB
±20%
C1608X7S1A225M080AC
C1608X7S0J225M080AB
3.3 µF
1608
0.80±0.10
±10%
C1608X7S0J335K080AC
C1608X7S0G335K080AC
±20%
C1608X7S0J335M080AC
C1608X7S0G335M080AC
0.80+0.20, -0.10
±10%
C1608X7S1A335K080AC
±20%
C1608X7S1A335M080AC
4.7 µF
1608
0.80±0.10
±10%
C1608X7S0J475K080AC
C1608X7S0G475K080AC
±20%
C1608X7S0J475M080AC
C1608X7S0G475M080AC
0.80+0.20, -0.10
±10%
C1608X7S1A475K080AC
±20%
C1608X7S1A475M080AC
6.8 µF
1608
0.80+0.20, -0.10
±10%
C1608X7S0J685K080AC
C1608X7S0G685K080AB
±20%
C1608X7S0J685M080AC
C1608X7S0G685M080AB
10 µF
1608
0.80+0.20, -0.10
±20%
C1608X7S0J106M080AC
C1608X7S0G106M080AB
2012
0.85±0.15
±10%
C2012X7S0J106K085AC
C2012X7S0G106K085AC
±20%
C2012X7S0J106M085AC
C2012X7S0G106M085AC
15 µF
2012
1.25±0.20
±20%
C2012X7S1A156M125AC
C2012X7S0J156M125AC
C2012X7S0G156M125AC
3216
1.60±0.20
±20%
C3216X7S1A156M160AC
C3216X7S0J156M160AB
22 µF
2012
1.25±0.20
±20%
C2012X7S1A226M125AC
C2012X7S0J226M125AC
C2012X7S0G226M125AC
3216
1.60±0.20
±20%
C3216X7S1A226M160AC
C3216X7S0J226M160AB
33 µF
3216
1.60±0.20
±20%
C3216X7S0J336M160AC
C3216X7S0G336M160AB
47 µF
3216
1.60±0.20
±20%
C3216X7S0J476M160AC
C3216X7S0G476M160AB
3225
2.50±0.30
±20%
C3225X7S0J476M250AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com