Electronic Components Datasheet Search
  English  ▼

X  

CC01005 Datasheet(PDF) 48 Page - TDK Electronics

Part # CC01005
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC01005 Datasheet(HTML) 48 Page - TDK Electronics

Back Button CC01005 Datasheet HTML 44Page - TDK Electronics CC01005 Datasheet HTML 45Page - TDK Electronics CC01005 Datasheet HTML 46Page - TDK Electronics CC01005 Datasheet HTML 47Page - TDK Electronics CC01005 Datasheet HTML 48Page - TDK Electronics CC01005 Datasheet HTML 49Page - TDK Electronics CC01005 Datasheet HTML 50Page - TDK Electronics CC01005 Datasheet HTML 51Page - TDK Electronics CC01005 Datasheet HTML 52Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
(48/57)
20190215 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■ Gray item: The product which is not recommended to a new design.
Capacitance range table
Temperature characteristics: X6S (–55 to +105°C, ±22%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
2.2 nF
0603
0.30±0.03
±10%
C0603X6S1E222K030BA
C0603X6S1C222K030BA
±20%
C0603X6S1E222M030BA
C0603X6S1C222M030BA
4.7 nF
0603
0.30±0.03
±10%
C0603X6S1C472K030BA
±20%
C0603X6S1C472M030BA
10 nF
1005
0.50±0.05
±10%
C1005X6S1H103K050BB
±20%
C1005X6S1H103M050BB
15 nF
1005
0.50±0.05
±10%
C1005X6S1H153K050BB
±20%
C1005X6S1H153M050BB
22 nF
0603
0.30±0.03
±10%
C0603X6S1C223K030BC
±20%
C0603X6S1C223M030BC
1005
0.50±0.05
±10%
C1005X6S1H223K050BB
±20%
C1005X6S1H223M050BB
33 nF
1005
0.50±0.05
±10%
C1005X6S1H333K050BB
±20%
C1005X6S1H333M050BB
47 nF
0603
0.30±0.03
±10%
C0603X6S1C473K030BC
±20%
C0603X6S1C473M030BC
1005
0.50±0.05
±10%
C1005X6S1H473K050BB
±20%
C1005X6S1H473M050BB
68 nF
1005
0.50±0.05
±10%
C1005X6S1H683K050BB
C1005X6S1V683K050BB
C1005X6S1E683K050BC
±20%
C1005X6S1H683M050BB
C1005X6S1V683M050BB
C1005X6S1E683M050BC
100 nF
0603
0.30±0.03
±10%
C0603X6S1C104K030BC
±20%
C0603X6S1C104M030BC
1005
0.50±0.05
±10%
C1005X6S1H104K050BB
C1005X6S1V104K050BB
C1005X6S1E104K050BB
±20%
C1005X6S1H104M050BB
C1005X6S1V104M050BB
C1005X6S1E104M050BB
150 nF
1005
0.50±0.05
±10%
C1005X6S1E154K050BC
C1005X6S1C154K050BB
±20%
C1005X6S1E154M050BC
C1005X6S1C154M050BB
1608
0.80±0.10
±10%
C1608X6S1H154K080AB
C1608X6S1V154K080AB
±20%
C1608X6S1H154M080AB
C1608X6S1V154M080AB
220 nF
1005
0.50±0.05
±10%
C1005X6S1E224K050BC
C1005X6S1C224K050BB
±20%
C1005X6S1E224M050BC
C1005X6S1C224M050BB
1608
0.80±0.10
±10%
C1608X6S1H224K080AB
C1608X6S1V224K080AB
±20%
C1608X6S1H224M080AB
C1608X6S1V224M080AB
330 nF
1005
0.50±0.05
±10%
C1005X6S1C334K050BC
±20%
C1005X6S1C334M050BC
1608
0.80±0.10
±10%
C1608X6S1H334K080AB
C1608X6S1V334K080AB
C1608X6S1E334K080AB
±20%
C1608X6S1H334M080AB
C1608X6S1V334M080AB
C1608X6S1E334M080AB
470 nF
1005
0.50±0.05
±10%
C1005X6S1C474K050BC
±20%
C1005X6S1C474M050BC
1608
0.80±0.10
±10%
C1608X6S1H474K080AB
C1608X6S1V474K080AB
C1608X6S1E474K080AB
±20%
C1608X6S1H474M080AB
C1608X6S1V474M080AB
C1608X6S1E474M080AB
2012
1.25±0.20
±10%
C2012X6S1H474K125AB
±20%
C2012X6S1H474M125AB
680 nF
1005
0.50±0.05
±10%
C1005X6S1C684K050BC
±20%
C1005X6S1C684M050BC
1608
0.80±0.10
±10%
C1608X6S1H684K080AC
C1608X6S1V684K080AB
C1608X6S1E684K080AB
C1608X6S1C684K080AC
±20%
C1608X6S1H684M080AC
C1608X6S1V684M080AB
C1608X6S1E684M080AB
C1608X6S1C684M080AC
2012
1.25±0.20
±10%
C2012X6S1H684K125AB
±20%
C2012X6S1H684M125AB
1 µF
1005
0.50±0.05
±10%
C1005X6S1C105K050BC
±20%
C1005X6S1C105M050BC
1608
0.80±0.10
±10%
C1608X6S1H105K080AC
C1608X6S1V105K080AB
C1608X6S1E105K080AB
C1608X6S1C105K080AC
±20%
C1608X6S1H105M080AC
C1608X6S1V105M080AB
C1608X6S1E105M080AB
C1608X6S1C105M080AC
2012
0.85±0.15
±10%
C2012X6S1H105K085AB
C2012X6S1V105K085AB
C2012X6S1E105K085AB
±20%
C2012X6S1H105M085AB
C2012X6S1V105M085AB
C2012X6S1E105M085AB
1.25±0.20
±10%
C2012X6S1H105K125AB
±20%
C2012X6S1H105M125AB
1.5 µF
1005
0.50+0.15, -0.10
±10%
C1005X6S1C155K050BC
±20%
C1005X6S1C155M050BC
1608
0.80±0.10
±10%
C1608X6S1C155K080AC
±20%
C1608X6S1C155M080AC
2012
1.25±0.20
±10%
C2012X6S1H155K125AB
C2012X6S1V155K125AB
C2012X6S1E155K125AB
±20%
C2012X6S1H155M125AB
C2012X6S1V155M125AB
C2012X6S1E155M125AB
3216
1.60±0.20
±10%
C3216X6S1H155K160AB
C3216X6S1V155K160AB
±20%
C3216X6S1H155M160AB
C3216X6S1V155M160AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com