Electronic Components Datasheet Search
  English  ▼

X  

B32674 Datasheet(PDF) 7 Page - EPCOS

Part # B32674
Description  Film capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32674 Datasheet(HTML) 7 Page - EPCOS

Back Button B32674 Datasheet HTML 3Page - EPCOS B32674 Datasheet HTML 4Page - EPCOS B32674 Datasheet HTML 5Page - EPCOS B32674 Datasheet HTML 6Page - EPCOS B32674 Datasheet HTML 7Page - EPCOS B32674 Datasheet HTML 8Page - EPCOS B32674 Datasheet HTML 9Page - EPCOS B32674 Datasheet HTML 10Page - EPCOS B32674 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
7 3/23
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32674
MKP DC link – high power series
Ordering codes and packing units (lead spacing 27.5 mm)
CR1)
µF
1) Capacitance value measured at 1 kHz
Max. dimensions
w x h x l
mm
Ordering code
(composition see
below)
IRMS,max2)
70 °C
10 kHz
A
2) Max. ripple current IRMS at 70 °C at 10 kHz for a T ≤20 °C when ESRtyp ≤ ±5%
ESRtyp
70 °C
10 kHz
m
ESLtyp3)
nH
3) ESL value measured at resonance frequency (see specific graphs of Z versus frequency)
tan 
1 kHz
10-3
tan 
10 kHz
10-3
Un-
taped
pcs./
MOQ
VR,85 °C = 300 V DC, Vop,70 °C = 450 V DC
2.2 11.0 x 19.0 x 31.5
B32674D3225+000 5.0
18.1
16.0
0.7
4.1
1280
3.3 12.5 x 21.5 x 31.5
B32674D3335+000 7.0
12.2
19.0
0.7
4.1
1120
4.7 14.0 x 24.5 x 31.5
B32674D3475+000 8.5
8.9
21.0
0.7
4.2
1040
5.0 15.0 x 24.5 x 31.5
B32674D3505+000 9.0
8.4
21.0
0.7
4.2
960
6.8 18.0 x 27.5 x 31.5
B32674D3685+000 11.5
6.3
24.0
0.7
4.4
800
8.0 16.0 x 32.0 x 31.5
B32674D3805+000 12.5
5.6
27.0
0.7
4.5
880
8.2 18.0 x 33.0 x 31.5
B32674D3825+000 13.0
5.5
27.0
0.7
4.5
800
10.0 21.0 x 31.0 x 31.5
B32674D3106+000 14.5
4.6
27.0
0.8
4.6
720
12.0 22.0 x 36.5 x 31.5
B32674D3126+000 17.0
4.0
31.0
0.8
4.9
640
VR,85 °C = 450 V DC, Vop,70 °C = 630 V DC
1.5 11.0 x 19.0 x 31.5
B32674D4155+000 4.5
22.1
16.0
0.6
3.3
1280
2.2 12.5 x 21.5 x 31.5
B32674D4225+000 6.0
14.9
19.0
0.6
3.3
1120
3.3 15.0 x 24.5 x 31.5
B32674D4335+000 8.0
10.3
22.0
0.6
3.4
960
4.7 18.0 x 27.5 x 31.5
B32674D4475+000 10.5
7.5
24.0
0.6
3.5
800
5.0 16.0 x 32.0 x 31.5
B32674D4505+000 11.0
7.1
28.0
0.7
3.6
880
5.6 18.0 x 33.0 x 31.5
B32674D4565+000 12.0
6.3
29.0
0.7
3.6
800
6.0 21.0 x 31.0 x 31.5
B32674D4605+000 13.0
5.9
28.0
0.7
3.6
720
6.8 22.0 x 36.5 x 31.5
B32674D4685+000 14.5
5.4
29.0
0.7
3.7
640
7.5 22.0 x 36.5 x 31.5
B32674D4755+000 15.0
5.0
32.0
0.7
3.8
640
VR,85 °C = 630 V DC, Vop,70 °C = 800 V DC
1.0 11.0 x 19.0 x 31.5
B32674D6105+000 4.0
26.1
17.0
0.6
2.7
1280
1.5 12.5 x 21.5 x 31.5
B32674D6155+000 5.5
17.9
19.0
0.6
2.7
1120
2.2 15.0 x 24.5 x 31.5
B32674D6225+000 7.5
12.4
21.0
0.6
2.7
960
3.3 16.0 x 32.0 x 31.5
B32674D6335+000 10.0
8.5
28.0
0.6
2.8
880
4.7 22.0 x 36.5 x 31.5
B32674D6475+000 13.5
6.0
31.0
0.6
3.0
640
5.0 22.0 x 36.5 x 31.5
B32674D6505+000 14.5
5.8
31.0
0.6
3.0
640
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Intermediate capacitance values are available on request.
Composition of ordering code
+ = Capacitance tolerance code:
K = ±10%
J = ±5%
Packing code:
000 = untaped (lead length 6 –1 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com