Electronic Components Datasheet Search
  English  ▼

X  

B32674 Datasheet(PDF) 14 Page - EPCOS

Part # B32674
Description  Film capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32674 Datasheet(HTML) 14 Page - EPCOS

Back Button B32674 Datasheet HTML 10Page - EPCOS B32674 Datasheet HTML 11Page - EPCOS B32674 Datasheet HTML 12Page - EPCOS B32674 Datasheet HTML 13Page - EPCOS B32674 Datasheet HTML 14Page - EPCOS B32674 Datasheet HTML 15Page - EPCOS B32674 Datasheet HTML 16Page - EPCOS B32674 Datasheet HTML 17Page - EPCOS B32674 Datasheet HTML 18Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
14 3/23
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32674 ... B32678
MKP DC link – high power series
^VAC ≤0.2 · VR
Vp,max:
NOTE 1
An overvoltage equal to 1.5
∙ VR for 30 ms is permitted 1000 times during the life of the
capacitor.
The amplitudes of the overvoltages that may be tolerated without significant reduction in the life time
of the capacitor depend on their duration, the number of application and the capacitor temperature.
In addition these values assume that the overvoltages may appear when the internal temperature
of the capacitor is less than 0 °C but within the temperature category.
NOTE 2
The average applied voltage must not be higher than the specified voltage.
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal volt-
ages, expressed in V/μs.
Note:
The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the
capacitor. These parameters are given for isolated pulses in such a way that the heat generated by
one pulse will be completely dissipated before applying the next pulse. For a train of pulses, please
refer to the curves of permissible AC voltage-current versus frequency.
dV/dt values
Overvoltage
Maximum duration within one day Observation
1.1
∙ VR
1.15
∙ VR
1.2
∙ VR
1.3
∙ VR
30% of on-load duration
30 min
5 min
1 min
System regulation
System regulation
System regulation
System regulation
Lead spacing 27.5 mm
37.5 mm
Type
B32674
B32676
VR (V DC)
300
450
630
750
875
300
450
630
750
875
dV/dt in V/µs
40
75
100
125
150
22
54
73
85
100
Lead spacing 52.5 mm
Type
B32678
VR (V DC)
300
450
630
750
875
dV/dt in V/µs
15
35
50
60
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com