Electronic Components Datasheet Search
  English  ▼

X  

B32674 Datasheet(PDF) 12 Page - EPCOS

Part # B32674
Description  Film capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32674 Datasheet(HTML) 12 Page - EPCOS

Back Button B32674 Datasheet HTML 8Page - EPCOS B32674 Datasheet HTML 9Page - EPCOS B32674 Datasheet HTML 10Page - EPCOS B32674 Datasheet HTML 11Page - EPCOS B32674 Datasheet HTML 12Page - EPCOS B32674 Datasheet HTML 13Page - EPCOS B32674 Datasheet HTML 14Page - EPCOS B32674 Datasheet HTML 15Page - EPCOS B32674 Datasheet HTML 16Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
12 3/23
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32678
MKP DC link – high power series
Ordering codes and packing units (lead spacing 52.5 mm, P1 = 20.3 mm)
* This part is affected by "Dual Use" regulations according to the law of the country the production site is located in.
Deliveries of such products are subject to prior approval of the respective local authorities based on customer declara-
tions. The delivery to certain countries may be restricted.
CR1)
µF
1) Capacitance value measured at 1 kHz
Max. dimensions
w x h x l
mm
Ordering code
(composition see
below)
IRMS,max2)
70 °C
10 kHz
A
2) Max ripple current IRMS at 70 °C, 10 kHz for T ≤20 °C at ESRtyp ≤±5%
ESRtyp
70 °C
10 kHz
m
ESLtyp3)
nH
3) Typical ESL value measured at resonance frequency (see specific graphs of Z versus frequency)
tan 
1 kHz
10-3
tan 
10 kHz
10-3
Un-
taped
pcs./
MOQ
VR,85 °C = 750 V DC, Vop,70 °C = 900 V DC
9.0 43.0 x 24.0 x 57.5
B32678T1905K000 16.5
7.2
13.0
1.0
6.8
560
15.0 30.0 x 45.0 x 57.5
B32678G1156K000 23.0
4.5
14.0
1.0
7.0
280
20.0 35.0 x 50.0 x 57.5
B32678G1206K000 28.0
3.5
15.0
1.0
7.2
108
28.0 45.0 x 57.0 x 57.5
B32678G1286+000 37.5
2.5
18.0
1.0
7.4
140
30.0 60.0 x 45.0 x 57.5
B32678G1306+000 39.5
2.4
19.0
1.0
7.3
200
30.0 130.0 x 24.0 x 57.5 B32678J1306K000 40.5
2.3
4.0
1.0
6.8
80
85.0 130.0 x 58.0 x 57.5 B32678J1856K000 82.5
0.9
6.0
1.0
7.4
40
VR,85 °C = 875 V DC, Vop,70 °C = 1050 V DC
7.0 43.0 x 24.0 x 57.5
B32678T8705K000* 15.5
8.2
9.0
0.9
6.0
560
15.0 35.0 x 50.0 x 57.5
B32678G8156K000 26.5
4.0
15.0
0.9
6.3
108
22.0 45.0 x 57.0 x 57.5
B32678G8226+000 35.0
2.9
17.0
1.0
6.5
140
22.0 130.0 x 24.0 x 57.5 B32678J8226K000* 39.0
2.6
5.0
0.9
6.0
80
24.0 60.0 x 45.0 x 57.5
B32678G8246+000 38.0
2.6
19.0
0.9
6.4
200
65.0 130.0 x 58.0 x 57.5 B32678J8656K000* 78.0
1.0
6.0
1.0
6.5
40
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Intermediate capacitance values are available on request.
Composition of ordering code
+ = Capacitance tolerance code:
K = ±10%
J = ±5%
Packing code:
000 = untaped (lead length 6 –1 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com