Electronic Components Datasheet Search
  English  ▼

X  

B32674 Datasheet(PDF) 18 Page - EPCOS

Part # B32674
Description  Film capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32674 Datasheet(HTML) 18 Page - EPCOS

Back Button B32674 Datasheet HTML 14Page - EPCOS B32674 Datasheet HTML 15Page - EPCOS B32674 Datasheet HTML 16Page - EPCOS B32674 Datasheet HTML 17Page - EPCOS B32674 Datasheet HTML 18Page - EPCOS B32674 Datasheet HTML 19Page - EPCOS B32674 Datasheet HTML 20Page - EPCOS B32674 Datasheet HTML 21Page - EPCOS B32674 Datasheet HTML 22Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
18 3/23
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32676
MKP DC link – high power series
Characteristics curves
Additional technical information can be found under "Design support"
on www.tdk-electronics.tdk.com.
Impedance Z versus frequency f
(typical values)
Lead spacing 37.5 mm
300 V DC
ESR versus frequency f
(typical values)
Lead spacing 37.5 mm
300 V DC
Impedance Z versus frequency f
(typical values)
Lead spacing 37.5 mm
450 V DC
ESR versus frequency f
(typical values)
Lead spacing 37.5 mm
450 V DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com