Electronic Components Datasheet Search
  English  ▼

X  

B32674 Datasheet(PDF) 9 Page - EPCOS

Part # B32674
Description  Film capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32674 Datasheet(HTML) 9 Page - EPCOS

Back Button B32674 Datasheet HTML 5Page - EPCOS B32674 Datasheet HTML 6Page - EPCOS B32674 Datasheet HTML 7Page - EPCOS B32674 Datasheet HTML 8Page - EPCOS B32674 Datasheet HTML 9Page - EPCOS B32674 Datasheet HTML 10Page - EPCOS B32674 Datasheet HTML 11Page - EPCOS B32674 Datasheet HTML 12Page - EPCOS B32674 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
9 3/23
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32676
MKP DC link – high power series
Ordering codes and packing units (lead spacing 37.5 mm)
CR1)
µF
1) Capacitance value measured at 1 kHz
Max. dimensions
w x h x l
mm
P1
mm
Ordering code
(composition see
below)
IRMS,max2)
70 °C
10 kHz
A
2) Max ripple current IRMS at 70 °C, 10 kHz for T ≤20 °C at ΔESRtyp ≤±5%
ESRtyp
70 °C
10 kHz
m
ESLtyp3)
nH
3) Typical ESL value measured at resonance frequency (see specific graphs of Z versus frequency)
tan 
1 kHz
10-3
tan 
10 kHz
10-3
Un-
taped
pcs./
MOQ
VR,85 °C = 300 V DC, Vop,70 °C = 450 V DC
6.2 24.0 x 15.0 x 41.5 –
B32676T3625+000 8.0
12.6
18.0
1.1 8.2
1040
9.0 24.0 x 19.0 x 41.5 –
B32676T3905+000 10.0
9.1
19.0
1.1 8.3
780
15.0 20.0 x 39.5 x 42.0 10.2 B32676G3156+000 16.0
5.4
10.0
1.1 8.3
640
20.0 28.0 x 37.0 x 42.0 10.2 B32676G3206+000 20.0
4.0
11.0
1.1 8.4
440
20.0 43.0 x 22.0 x 41.5 20.3 B32676T3206K000 19.5
4.0
13.0
1.1 8.3
280
22.0 28.0 x 42.5 x 42.0 10.2 B32676G3226+000 21.5
3.8
11.0
1.2 8.5
440
25.0 28.0 x 42.5 x 42.0 10.2 B32676G3256+000 22.5
3.4
12.0
1.2 8.6
440
30.0 30.0 x 45.0 x 42.0 20.3 B32676G3306+000 26.0
2.8
12.0
1.2 8.7
400
35.0 33.0 x 48.0 x 42.0 20.3 B32676G3356+000 29.5
2.5
13.0
1.2 8.8
180
VR,85 °C = 450 V DC, Vop,70 °C = 630 V DC
4.0 24.0 x 15.0 x 41.5 –
B32676T4405+000 7.0
15.5
19.0
1.0 6.6
1040
4.7 24.0 x 19.0 x 41.5 –
B32676T4475+000 8.0
13.2
18.0
1.0 6.6
780
8.2 20.0 x 39.5 x 42.0 10.2 B32676G4825+000 13.5
7.8
9.0
1.0 6.7
640
10.0 20.0 x 39.5 x 42.0 10.2 B32676G4106+000 14.5
6.4
11.0
1.0 6.7
640
13.0 43.0 x 22.0 x 41.5 20.3 B32676T4136K000 17.5
5.0
13.0
1.0 6.6
280
15.0 28.0 x 42.5 x 42.0 10.2 B32676G4156+000 20.0
4.4
11.0
1.0 6.8
440
20.0 30.0 x 45.0 x 42.0 20.3 B32676G4206K000 24.0
3.3
13.0
1.0 6.9
400
25.0 33.0 x 48.0 x 42.0 20.3 B32676G4256K000 28.0
2.8
14.0
1.0 7.1
180
VR,85 °C = 630 V DC, Vop,70 °C = 800 V DC
2.7 24.0 x 15.0 x 41.5 –
B32676T6275+000 7.0
17.7
20.0
0.8 5.1
1040
3.5 24.0 x 19.0 x 41.5 –
B32676T6355+000 8.0
14.1
19.0
0.8 5.1
780
6.8 20.0 x 39.5 x 42.0 10.2 B32676G6685+000 13.5
7.4
10.0
0.8 5.2
640
7.5 20.0 x 39.5 x 42.0 10.2 B32676G6755+000 14.5
6.6
12.0
0.8 5.2
640
8.2 28.0 x 37.0 x 42.0 10.2 B32676G6825+000 16.0
6.1
11.0
0.8 5.2
440
9.0 43.0 x 22.0 x 41.5 20.3 B32676T6905K000 16.5
5.7
13.0
0.8 5.1
280
10.0 28.0 x 42.5 x 42.0 10.2 B32676G6106+000 18.5
5.1
11.0
0.8 5.2
440
12.0 28.0 x 42.5 x 42.0 10.2 B32676G6126+000 20.0
4.4
12.0
0.8 5.3
440
14.0 30.0 x 45.0 x 42.0 20.3 B32676G6146+000 23.0
3.7
14.0
0.8 5.3
400
15.0 33.0 x 48.0 x 42.0 20.3 B32676G6156+000 25.0
3.5
14.0
0.8 5.4
180
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Intermediate capacitance values are available on request.
Composition of ordering code
+ = Capacitance tolerance code:
K = ±10%
J = ±5%
Packing code:
000 = untaped (lead length 6 –1 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com