Electronic Components Datasheet Search
  English  ▼

X  

B32674 Datasheet(PDF) 8 Page - EPCOS

Part # B32674
Description  Film capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32674 Datasheet(HTML) 8 Page - EPCOS

Back Button B32674 Datasheet HTML 4Page - EPCOS B32674 Datasheet HTML 5Page - EPCOS B32674 Datasheet HTML 6Page - EPCOS B32674 Datasheet HTML 7Page - EPCOS B32674 Datasheet HTML 8Page - EPCOS B32674 Datasheet HTML 9Page - EPCOS B32674 Datasheet HTML 10Page - EPCOS B32674 Datasheet HTML 11Page - EPCOS B32674 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
8 3/23
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32674
MKP DC link – high power series
Ordering codes and packing units (lead spacing 27.5 mm)
CR1)
µF
1) Capacitance value measured at 1 kHz
Max. dimensions
w x h x l
mm
Ordering code
(composition see
below)
IRMS,max2)
70 °C
10 kHz
A
2) Max. ripple current IRMS at 70 °C at 10 kHz for a T ≤20 °C when ESRtyp ≤ ±5%
ESRtyp
70 °C
10 kHz
m
ESLtyp3)
nH
3) ESL value measured at resonance frequency (see specific graphs of Z versus frequency)
tan 
1 kHz
10-3
tan 
10 kHz
10-3
Un-
taped
pcs./
MOQ
VR,85 °C = 750 V DC, Vop,70 °C = 900 V DC
0.68 11.0 x 19.0 x 31.5
B32674D1684+000 3.5
34.7
17.0
0.5
2.4
1280
1.0 12.5 x 21.5 x 31.5
B32674D1105+000 4.5
24.2
18.0
0.5
2.5
1120
1.5 14.0 x 24.5 x 31.5
B32674D1155+000 6.5
16.3
22.0
0.6
2.5
1040
2.2 18.0 x 27.5 x 31.5
B32674D1225+000 8.5
11.3
24.0
0.6
2.5
800
3.3 21.0 x 31.0 x 31.5
B32674D1335+000 11.0
7.9
28.0
0.6
2.6
720
4.0 22.0 x 36.5 x 31.5
B32674D1405+000 13.0
6.7
32.0
0.6
2.7
640
VR,85 °C = 875 V DC, Vop,70 °C = 1050 V DC
0.47 11.0 x 19.0 x 31.5
B32674D8474+000 3.0
45.2
16.0
0.5
2.2
1280
0.68 11.0 x 21.0 x 31.5
B32674D8684+000 4.0
31.5
19.0
0.5
2.2
1280
1.0 13.5 x 23.0 x 31.5
B32674D8105+000 5.0
22.2
20.0
0.5
2.2
1040
1.5 18.0 x 27.5 x 31.5
B32674D8155+000 7.5
14.7
23.0
0.5
2.2
800
2.2 18.0 x 33.0 x 31.5
B32674D8225+000 9.5
10.3
29.0
0.5
2.3
800
3.0 22.0 x 36.5 x 31.5
B32674D8305+000 12.0
7.8
31.0
0.5
2.4
640
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Intermediate capacitance values are available on request.
Composition of ordering code
+ = Capacitance tolerance code:
K = ±10%
J = ±5%
Packing code:
000 = untaped (lead length 6 –1 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com