Electronic Components Datasheet Search
  English  ▼

X  

B32674 Datasheet(PDF) 13 Page - EPCOS

Part # B32674
Description  Film capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32674 Datasheet(HTML) 13 Page - EPCOS

Back Button B32674 Datasheet HTML 9Page - EPCOS B32674 Datasheet HTML 10Page - EPCOS B32674 Datasheet HTML 11Page - EPCOS B32674 Datasheet HTML 12Page - EPCOS B32674 Datasheet HTML 13Page - EPCOS B32674 Datasheet HTML 14Page - EPCOS B32674 Datasheet HTML 15Page - EPCOS B32674 Datasheet HTML 16Page - EPCOS B32674 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
13 3/23
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32674 ... B32678
MKP DC link – high power series
Technical data
Reference standard: IEC 61071:2007 and AEC-Q200D. All data given at T = 20 °C, unless
otherwise specified.
Typical waveforms
Restrictions:
VR: Maximum operating peak voltage of either polarity but of a non-reversing waveform, for which
the capacitor has been designed for continuous operation.
Rated temperature TR
+85 °C
Operating temperature range (case)
Max. operating temperature, Top,max
+105
°C
Upper category temperature Tmax
+105
°C
Lower category temperature Tmin
–40
°C
Insulation resistance Rins
given as time constant
 = CR
∙ Rins, rel. humidity ≤65%
(minimum as-delivered values)
>10 000 s (after 1 min)
For VR ≥500 V measured at 500 V
For VR <500 V measured at VR
DC test voltage between terminals (10 s) 1.5
∙ VR
Voltage test terminal to case (10 s)
2110 V AC, 50 Hz
Pulse Handling Capability (V/µs)
IP (A) / C (
µF)
Biased humidity
1000 hours / 40 °C / 93% relative humidity with VR,DC
Limit values after test
Capacitance change |C/C|
Dissipation factor change tan 
Insulation resistance Rins
≤5%
≤0.002 (at 1 kHz)
≥50% of minimum
as-delivered values
Reliability:
Failure rate
λ 1 fit (≤1 ∙ 10–9/h) at 0.5 ∙ VR, 40 °C
Service life tSL 200 000 h at VR, 85
°C
For conversion to other operating conditions and
temperatures, refer to chapter "Quality, 2 Reliability".
VR (V DC)
300
450
630
750
875
Continuous operating voltage
Vop (V DC) at 70
°C
450
630
800
900
1050
Continuous operating voltage
Vop (V DC) at 85
°C
300
450
630
75
875
For temperatures between
85
°C and 105 °C
1.2%/
°C of Vopderating compared to Vopat 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com