Electronic Components Datasheet Search
  English  ▼

X  

B32674 Datasheet(PDF) 29 Page - EPCOS

Part # B32674
Description  Film capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32674 Datasheet(HTML) 29 Page - EPCOS

Back Button B32674 Datasheet HTML 25Page - EPCOS B32674 Datasheet HTML 26Page - EPCOS B32674 Datasheet HTML 27Page - EPCOS B32674 Datasheet HTML 28Page - EPCOS B32674 Datasheet HTML 29Page - EPCOS B32674 Datasheet HTML 30Page - EPCOS B32674 Datasheet HTML 31Page - EPCOS B32674 Datasheet HTML 32Page - EPCOS B32674 Datasheet HTML 33Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
29 3/23
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32674 ... B32678
MKP DC link – high power series
Self Heating by power dissipation & equivalent heat coefficient
The IRMS and consequently the power dissipation must be limited during operation in order to not
exceed the maximum limit of T allowed for this series. Tmax given for this series is equal or lower
than 20
°C at rated temperature (70 °C), for higher ambient temperatures Tmax (T) will have the
same derating factor than IRMS versus temperature and then an equivalent derating as per:
Tmax (T) = (Factor)2
×T (70 °C).
For any particular IRMS the T may be calculated by:
T (
°C) = Pdis(mW) / G(mW/°C).
Where T (
°C) is the difference between the temperature measured on the box (see Figure 1) and
the ambient temperature when capacitor is working during normal operation;
T (
°C) = Top(°C) – TA(°C).
It represents the increasing of temperature provoked by the IRMS during operation.
G (mW/
°C) istheequivalentheat coefficientdescribedaboveandPdis(mW) is thedissipatedpower
defined by:
Pdis (mW) = ESRtyp (m
Ω) × IRMS2(ARMS).
Example for thermal calculation:
We will take as reference B32678G8156K (15 μF/875 V) type for thermal calculation.
Considering the following load and capacitor characteristics:
IRMS : 15 ARMS at 20 kHz
TA: 85
°C
30
× 50 × 57.5 box
G (mW/
°C): 145
Then we have to find the ESRtyp at 20 kHz what is approximately 4.0 m.
So according to
Pdis (mW) = ESRtyp (m)
× IRMS2(ARMS)
we have the following:
Pdis (mW) = 4.0 m
Ω × 15 ARMS2= 900 mW
And as per
T (
°C) = Pdis(mW) / G (mW/°C)
we have the following:
T (
°C) = 900 (mW) / 145 (mW/°C) = 6.2 °C.
What is below of the
Tmax (85
°C) = (Factor)2× T (70 °C) = (0.7)2× 20 °C = 9.8 °C.
On the other hand we may confirm that max IRMS at 20 kHz at 70
°C = 26.5 ARMS
And then max IRMS for 85
°C of ambient temperature is defined as follows:
IRMS (85
°C) = Factor × IRMS(70 °C) = 0.7 × 26.5 ARMS= 18.55 ARMS.
What confirms once again that IRMS (15 ARMS at 20 kHz at 85 °C) is below the max specified for
such frequency and ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com