Electronic Components Datasheet Search
  English  ▼

X  

B32674 Datasheet(PDF) 31 Page - EPCOS

Part # B32674
Description  Film capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32674 Datasheet(HTML) 31 Page - EPCOS

Back Button B32674 Datasheet HTML 27Page - EPCOS B32674 Datasheet HTML 28Page - EPCOS B32674 Datasheet HTML 29Page - EPCOS B32674 Datasheet HTML 30Page - EPCOS B32674 Datasheet HTML 31Page - EPCOS B32674 Datasheet HTML 32Page - EPCOS B32674 Datasheet HTML 33Page - EPCOS B32674 Datasheet HTML 34Page - EPCOS B32674 Datasheet HTML 35Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
31 3/23
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32674 ... B32678
MKP DC link – high power series
Testing and Standards
Test
Reference
Conditions of test
Performance
requirements
Electrical
parameters
(Routine test)
IEC
61071:2007
Voltage between terminals,
1.5 VR, during 10 s
Insulation resistance, Rins at
VR if VR <500 V or
500 V if VR ≥500 V
Capacitance, C at 1 kHz
(room temperature)
Dissipation factor, tan  at 1/10 kHz
(room temperature)
Within specified limits
Robustness
of termina-
tions
(Type test)
IEC
60068-2-21:2006
Tensile strength (test Ua1)
Capacitance and tan 
within specified limits
Wire diameter
Tensile force
0.5 <d1 ≤0.8 mm
0.8 <d1 ≤1.25 mm
10 N
20 N
Resistance to
solderingheat
(Type test)
IEC
60068-2-20:2008,
test Tb,
method 1A
Solder bath temperature at 260
±5 °C,
immersion for 10 seconds
|C/C0|
≤2%
| tan | ≤0.002
Rapid
change of
temperature
(Type test)
IEC
60384-16:2005
TA = lower category temperature
TB = upper category temperature
Five cycles, duration t = 30 min
C/C0|
≤2%
| tan | ≤0.002
Rins
≥50% of initial limit
Vibration
(Type test)
IEC
60384-16:2005
Test FC: vibration sinusoidal
Displacement: 0.75 mm
Accleration: 98 m/s2
Frequency: 10 Hz ... 500 Hz
Test duration: 3 orthogonal axes,
2 hours each axe
No visible damage
Bump
(Type test)
IEC
60384-16:2005
Test Eb: Total 4000 bumps with
390 m/s2 mounted on PCB
Duration: 6 ms
No visible damage
C/C0|
≤2%
| tan | ≤0.002
Rins
≥50% of initial limit
Climatic
sequence
(Type test)
IEC
60384-16:2005
Dry heat Tb / 16 h
Damp heat cyclic, 1st cycle
+55 °C / 24 h / 95% ... 100% RH
Cold Ta / 2 h
Damp heat cyclic, 5 cycles
+55 °C / 24 h / 95% ... 100% RH
No visible damage
C/C0|
≤3%
| tan | ≤0.001
Rins
≥50% of initial limit
Damp heat,
steady state
(Type test)
IEC
60384-16:2005
Test Ca
40
°C / 93% RH / 56 days
No visible damage
C/C0|
≤5%
| tan | ≤0.005
Rins
≥50% of initial limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com