Electronic Components Datasheet Search
  English  ▼

X  

B32674 Datasheet(PDF) 11 Page - EPCOS

Part # B32674
Description  Film capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32674 Datasheet(HTML) 11 Page - EPCOS

Back Button B32674 Datasheet HTML 7Page - EPCOS B32674 Datasheet HTML 8Page - EPCOS B32674 Datasheet HTML 9Page - EPCOS B32674 Datasheet HTML 10Page - EPCOS B32674 Datasheet HTML 11Page - EPCOS B32674 Datasheet HTML 12Page - EPCOS B32674 Datasheet HTML 13Page - EPCOS B32674 Datasheet HTML 14Page - EPCOS B32674 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
11 3/23
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32678
MKP DC link – high power series
Ordering codes and packing units (lead spacing 52.5 mm, P1 = 20.3 mm)
CR1)
µF
1) Capacitance value measured at 1 kHz
Max. dimensions
w x h x l
mm
Ordering code
(composition see
below)
IRMS,max2)
70 °C
10 kHz
A
2) Max ripple current IRMS at 70 °C, 10 kHz for T ≤20 °C at ESRtyp ≤±5%
ESRtyp
70 °C
10 kHz
m
ESLtyp3)
nH
3) Typical ESL value measured at resonance frequency (see specific graphs of Z versus frequency)
tan 
1 kHz
10-3
tan 
10 kHz
10-3
Un-
taped
pcs./
MOQ
VR,85 °C = 300 V DC, Vop,70 °C = 450 V DC
30.0 43.0 x 24.0 x 57.5
B32678T3306K000 22.5
3.9
13.0
1.5
11.8
560
40.0 30.0 x 45.0 x 57.5
B32678G3406+000 28.0
3.0
12.0
1.5
12.3
280
47.0 35.0 x 50.0 x 57.5
B32678G3476+000 33.0
2.6
13.0
1.5
12.5
108
60.0 35.0 x 50.0 x 57.5
B32678G3606K000 37.0
2.1
15.0
1.6
12.9
108
80.0 45.0 x 57.0 x 57.5
B32678G3806+000 47.0
1.6
18.0
1.6
13.5
140
80.0 130.0 x 24.0 x 57.5 B32678J3806K000 51.0
1.4
4.0
1.5
11.7
80
100.0 60.0 x 45.0 x 57.5
B32678G3107+000 48.0
1.4
19.0
1.6
13.5
200
270.0 130.0 x 58.0 x 57.5 B32678J3277K000 108.0
0.5
6.0
1.6
13.8
40
VR,85 °C = 450 V DC, Vop,70 °C = 630 V DC
20.0 43.0 x 24.0 x 57.5
B32678T4206K000 20.0
4.9
13.0
1.3
9.8
560
30.0 35.0 x 50.0 x 57.5
B32678G4306+000 28.0
3.2
14.0
1.3
9.9
108
35.0 35.0 x 50.0 x 57.5
B32678G4356+000 31.5
2.8
14.0
1.3
10.0
108
40.0 35.0 x 50.0 x 57.5
B32678G4406K000 34.0
2.5
15.0
1.3
10.2
108
60.0 45.0 x 57.0 x 57.5
B32678G4606+000 45.0
1.8
18.0
1.4
11.2
140
60.0 130.0 x 24.0 x 57.5 B32678J4606K000 49.5
1.6
4.0
1.2
9.5
80
65.0 60.0 x 45.0 x 57.5
B32678G4656+000 48.0
1.6
19.0
1.3
10.6
200
180.0 130.0 x 58.0 x 57.5 B32678J4187K000 97.5
0.6
6.0
1.4
11.2
40
VR,85 °C = 630 V DC, Vop,70 °C = 800 V DC
13.0 43.0 x 24.0 x 57.5
B32678T6136K000 18.0
5.9
13.0
1.1
7.9
560
20.0 35.0 x 50.0 x 57.5
B32678G6206+000 26.5
4.0
13.0
1.1
8.2
108
25.0 35.0 x 50.0 x 57.5
B32678G6256+000 29.5
3.3
15.0
1.1
8.3
108
38.0 130.0 x 24.0 x 57.5 B32678J6386K000 43.5
2.1
4.0
1.1
7.9
80
40.0 45.0 x 57.0 x 57.5
B32678G6406+000 41.0
2.1
18.0
1.2
8.8
140
45.0 60.0 x 45.0 x 57.5
B32678G6456+000 43.0
1.9
19.0
1.2
8.7
200
120.0 130.0 x 58.0 x 57.5 B32678J6127K000 90.0
0.7
6.0
1.2
8.8
40
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Intermediate capacitance values are available on request.
Composition of ordering code
+ = Capacitance tolerance code:
K = ±10%
J = ±5%
Packing code:
000 = untaped (lead length 6 –1 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com