Electronic Components Datasheet Search
  English  ▼

X  

DT1384 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # DT1384
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DT1384 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button DT1384 Datasheet HTML 2Page - OSRAM GmbH DT1384 Datasheet HTML 3Page - OSRAM GmbH DT1384 Datasheet HTML 4Page - OSRAM GmbH DT1384 Datasheet HTML 5Page - OSRAM GmbH DT1384 Datasheet HTML 6Page - OSRAM GmbH DT1384 Datasheet HTML 7Page - OSRAM GmbH DT1384 Datasheet HTML 8Page - OSRAM GmbH DT1384 Datasheet HTML 9Page - OSRAM GmbH DT1384 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
1. General
5
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
Lamps with four-pin
bases for operation with
electronic control gear
(ECG)
OSRAM DULUX® S/E
Super slim for ECG
operation
OSRAM DULUX® T/E
Ultra short for ECG
operation
OSRAM DULUX® D/E
Super short for ECG
operation
©
10 W =
600 lm
©
13 W =
900 lm
©
18 W = 1200 lm
©
26 W = 1800 lm
OSRAM DULUX® T/E with a GX24q four-pin base is an extremely short lamp with the
photometric benefits of triple-turn tubes. Designed for ECG operation, these lamps
can also be dimmed in conjunction with suitable control gear.
OSRAM DULUX® D/E with a G24q base is the four-pin version of the classic OSRAM
DULUX® D, designed for ECG operation. In conjunction with suitable control gear, this
lamp can also be dimmed.
OSRAM DULUX® S/E are similar to OSRAM DULUX® S lamps in their design. The main
differences are the four-pin 2G7 base and the lack of an integrated glow starter. With
these lamps the advantage of the benefits of ECG operation can be made use of, such
as improved economy and more comfortable light. ECG operation opens up new
applications, notably battery operated camping luminaires and emergency lighting
(pictogram luminaires).
©
5 W = 250 lm
©
7 W = 400 lm
©
9 W = 600 lm
©
11 W = 900 lm
25 W
40 W
60 W
75 W
60 W
75 W
100 W
2 x 75 W
75 W
100 W
2 x 75 W
150 W
200 W
©
13 W =
900 lm
©
18 W = 1200 lm
©
26 W = 1800 lm
©
32 W = 2400 lm
©
42 W = 3200 lm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com