Electronic Components Datasheet Search
  English  ▼

X  

DT1384 Datasheet(PDF) 68 Page - OSRAM GmbH

Part # DT1384
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DT1384 Datasheet(HTML) 68 Page - OSRAM GmbH

Back Button DT1384 Datasheet HTML 64Page - OSRAM GmbH DT1384 Datasheet HTML 65Page - OSRAM GmbH DT1384 Datasheet HTML 66Page - OSRAM GmbH DT1384 Datasheet HTML 67Page - OSRAM GmbH DT1384 Datasheet HTML 68Page - OSRAM GmbH DT1384 Datasheet HTML 69Page - OSRAM GmbH DT1384 Datasheet HTML 70Page - OSRAM GmbH DT1384 Datasheet HTML 71Page - OSRAM GmbH DT1384 Datasheet HTML 72Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
7. Measuring OSRAM DULUX®
compact fluorescent lamps
67
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
Unless otherwise indicated, the lamp data in this guide is based on an ambient
temperature of 25ºC ± 1 ºC in draught free air in accordance with DIN 5032 (Sheet 4).
Lamp data as a function of actual ambient temperature or cold spot temperature is
also measured in draught free air.
Reference lamps (luminous flux and electrical values) can be obtained from the accre-
dited test laboratory of OSRAM GmbH (DAR register number: DAT-P-043/94-00,
Lighting Technology). Reference lamps are also available with thermoelements cemen-
ted at measuring point 3.
For prices and delivery times please contact:
OSRAM GmbH
Dept. CFL M-M
Hellabrunner Str. 1
Tel.:
(+49) 89/6213-2604
D - 81536 München
Fax.: (+49) 89/6213-4052
The cold spot temperatures are dependent on the burning
position and lie approximately in the range from 40ºC to 50ºC
(optimum operating conditions). In the base-up operating
position and no air circulation, temperature measuring point 3
(see 4.8 – Lamp temperatures and limit values) generally
corresponds to the cold spot.
The cold spot can however shift as a result of a different
operating position or other influences.
Measuring point 3 (cold spot temperature in base-up operating position) is defined for
OSRAM DULUX® lamps at the outer lamp arc, centred on the bulb. (See 4.8)
To determine the temperature at measuring point 3 (not in the case of the IN version)
thermocouples (NiCr-Ni thermo-elements) are cemented there with a neutral, trans-
lucent adhesive.
7.5.2 Cold spot
temperature for
amalgam-free
lamps
7.6
Reference lamps
7.5.1 Ambient
temperature
Cold spots
Amalgam lamps (OSRAM DULUX® T IN and T/E IN) are specially designed for high
ambient temperatures. They therefore achieve their optimum operating conditions
(rated data) only at the high temperatures that occur, for example in compact luminai-
res. Maximum luminous flux (
≥ 90 % of rated value) is achieved in the 10 to 70ºC tem-
perature range. If photometric measurements are taken under reference conditions (an
ambient temperature of 25ºC, see 7.5.1), it must be remembered that the measured
luminous flux may be as much as 10% below the maximum luminous flux that the
lamp can produce.
7.5.3 Measuring
amalgam lamps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com