Electronic Components Datasheet Search
  English  ▼

X  

DT1384 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # DT1384
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DT1384 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button DT1384 Datasheet HTML 23Page - OSRAM GmbH DT1384 Datasheet HTML 24Page - OSRAM GmbH DT1384 Datasheet HTML 25Page - OSRAM GmbH DT1384 Datasheet HTML 26Page - OSRAM GmbH DT1384 Datasheet HTML 27Page - OSRAM GmbH DT1384 Datasheet HTML 28Page - OSRAM GmbH DT1384 Datasheet HTML 29Page - OSRAM GmbH DT1384 Datasheet HTML 30Page - OSRAM GmbH DT1384 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 82 page
background image
2.3.7 Radiation
components in
the ultra-violet
range
2. Lamp data
26
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
UV components of OSRAM DULUX® light colours, refered to 1000 lux
Ultra-violet radiation can have desirable effects (such as tanning) and undesirable
effects (such as sunburn) on the human body. The intensity of these effects depends
on the irradiance level and the period of exposure.
In the case of lamps intended for general lighting applications, lamp and luminaire
manufacturers must ensure that there is no possibility of any harmful effects even
under high illuminance levels over a full day.
The table shows that OSRAM DULUX® lamps meet this requirement without the need
for any additional protective measures.
If light-sensitive materials are exposed to this light for relatively long periods, there
may be some change in colour (bleaching, for example). In OSRAM DULUX® lamps
this effect is caused primarily by UV-A radiation.
Lamps with low UV-A components or low illuminance levels should therefore be cho-
sen for illuminating light-sensitive materials.
Ery-
Pigmen-
Light colour
315-400nm
thema
tation-
UV-A
threshold*)
threshold*)
No.
Type
mW/m2
hh
LUMILUX®
860
LUMILUX® Daylight
60,8
± 2500
400
840
LUMILUX® Cool white
60,8
± 2500
400
830
LUMILUX® Warm white
60,8
± 2500
400
827
LUMILUX INTERNA®
60,8
± 2500
400
LUMILUX® DE LUXE
950
LUMILUX® DE LUXE Daylight
60,8
± 2500
400
940
LUMILUX® DE LUXE Cool white
60,8
± 2500
400
930
LUMILUX® DE LUXE Warm white 60,8
± 2500
400
*)
Exposure time after which at 1000 lux the first effects of reddening or tanning of the skin are noticeable (calcula-
ted according to DIN 5031/10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com