Electronic Components Datasheet Search
  English  ▼

X  

DT1384 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # DT1384
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DT1384 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button DT1384 Datasheet HTML 12Page - OSRAM GmbH DT1384 Datasheet HTML 13Page - OSRAM GmbH DT1384 Datasheet HTML 14Page - OSRAM GmbH DT1384 Datasheet HTML 15Page - OSRAM GmbH DT1384 Datasheet HTML 16Page - OSRAM GmbH DT1384 Datasheet HTML 17Page - OSRAM GmbH DT1384 Datasheet HTML 18Page - OSRAM GmbH DT1384 Datasheet HTML 19Page - OSRAM GmbH DT1384 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
2.1.8 OSRAM
DULUX® T/E IN
with amalgam
2. Lamp data
15
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
2.1.7 OSRAM
DULUX® T IN
with amalgam
Type
Overall length1)
Overall length1)
Maximum length
Base
l1 max.
l2 max.
l1 to IEC
mm
mm
mm
OSRAM DULUX® T 18 W IN
95
118
110
GX24 d-2
OSRAM DULUX® T 26 W IN
110
133
130
GX24 d-3
1)
- 6 mm tolerance
Type
Overall length1)
Overall length1)
Maximum length
Base
l1 max.
l2 max.
l1 to IEC
mm
mm
mm
OSRAM DULUX® T/E 18 W IN
95
111
110
GX24 q-2
OSRAM DULUX® T/E 26 W IN
110
126
130
GX24 q-3
OSRAM DULUX® T/E 32 W IN
126
142
145
GX24 q-3
OSRAM DULUX® T/E 42 W IN
147
163
155
GX24 q-4
OSRAM DULUX® T/E 57 W IN
181
197
181
GX24 q-5
OSRAM DULUX® T/E 70 W IN2)
2192)
2352)
2)
GX24 q-6
1)
- 6 mm tolerance
2)
In preparation, provisional data
OSRAM
GX 24 q-5
G X 24 d-2
G X 24 d-3
G X 24 q-2
G X 24 q-3
G X 24 q-4
G X 24 q-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com