Electronic Components Datasheet Search
  English  ▼

X  

DT1384 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # DT1384
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DT1384 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button DT1384 Datasheet HTML 6Page - OSRAM GmbH DT1384 Datasheet HTML 7Page - OSRAM GmbH DT1384 Datasheet HTML 8Page - OSRAM GmbH DT1384 Datasheet HTML 9Page - OSRAM GmbH DT1384 Datasheet HTML 10Page - OSRAM GmbH DT1384 Datasheet HTML 11Page - OSRAM GmbH DT1384 Datasheet HTML 12Page - OSRAM GmbH DT1384 Datasheet HTML 13Page - OSRAM GmbH DT1384 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
1. General
9
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
Technical design of OSRAM DULUX® S and OSRAM DULUX® T
Cold spots
1)
Lamp tube
Pin base
Casing for starter and radio
interference suppression
capacitor for lamps with
two-pin bases
1.4
Technical design
and operation
High luminous efficacy (the relationship between luminous flux and power consump-
tion) is achieved when an optimum mercury vapour pressure exists in the discharge
tube. This depends on the temperatures on the inner tube wall and is regulated by the
vaporisation of mercury and its condensation at the cool zones of the discharge tube.
In contrast to fluorescent lamps, the corners at the top of the discharge tube on an
OSRAM DULUX® lamp act as cold spots. The temperature at these cold spots
depends to some extent on the burning position of the lamp and the ambient tempera-
ture. Good conditions for luminous flux and lamp performance exist when the tempe-
rature at these cold spots is between 40 ºC and 50 ºC.
In OSRAM DULUX® lamps, as in conventional fluorescent lamps, light is generated by
a low-pressure gas discharge. Electrical current is conducted through the tube from
one electrode to the other. The electrons excite mercury atoms so that they emit
optical radiation. This radiation is converted into visible light by the triphosphor coating
on the inner wall of the tube.
This method of generating light needs only one quarter (or one fifth if electronic control
gear is used) of the electrical energy which an incandescent lamp of the same bright-
ness would need.
The principle of light generation in a fluorescent lamp
K Nucleus of the atom
H Shell electron of the atom,
on an inner orbit
e- Exciting electron
(impact energy)
A* Excited electron,
on an outer orbit
R Radiation emitted as light and UV
when A* falls back to H
Light
e-
A*
R
1)
Note: Amalgam lamps (IN) do not have cold spots like conventional Hg lamps (see 4.7 and 4.7.1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com