Electronic Components Datasheet Search
  English  ▼

X  

DT1384 Datasheet(PDF) 17 Page - OSRAM GmbH

Part # DT1384
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DT1384 Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button DT1384 Datasheet HTML 13Page - OSRAM GmbH DT1384 Datasheet HTML 14Page - OSRAM GmbH DT1384 Datasheet HTML 15Page - OSRAM GmbH DT1384 Datasheet HTML 16Page - OSRAM GmbH DT1384 Datasheet HTML 17Page - OSRAM GmbH DT1384 Datasheet HTML 18Page - OSRAM GmbH DT1384 Datasheet HTML 19Page - OSRAM GmbH DT1384 Datasheet HTML 20Page - OSRAM GmbH DT1384 Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
2.1.10
OSRAM
DULUX® L SP
Special model for
outdoor lighting
2. Lamp data
16
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
2.1.9 OSRAM DULUX® L
l
Type
Overall length1)
Maximum length
Tube diameter d
Base
l max.
l to IEC
mm
mm
mm
OSRAM DULUX® L 18 W 2)
217
225
17.5
2 G 11
OSRAM DULUX® L 24 W 2)
317
320
17.5
2 G 11
OSRAM DULUX® L 36 W 2)
411
415
17.5
2 G 11
OSRAM DULUX® L 40 W 2)
533
535
17.5
2 G 11
OSRAM DULUX® L 55 W 2)
533
535
17.5
2 G 11
OSRAM DULUX® L 80 W 2)
570
3)
17.5
2 G 11
1)
-
6 mm tolerance
2)
OSRAM DULUX® L lamps require a lamp support (see 6.2)
3)
In preparation
Type
Overall length1) l max.
Tube diameter d
Base
mm
mm
OSRAM DULUX® L 18 W SP2)
209
17.5
2 G 11
OSRAM DULUX® L 24 W SP2)
309
17.5
2 G 11
1)
- 6 mm tolerance
2)
OSRAM DULUX® L lamps require a lamp support (see 6.2)
l
2 G 11
43,9
2 G 11
43,9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com