Electronic Components Datasheet Search
  English  ▼

X  

DT1384 Datasheet(PDF) 28 Page - OSRAM GmbH

Part # DT1384
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DT1384 Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button DT1384 Datasheet HTML 24Page - OSRAM GmbH DT1384 Datasheet HTML 25Page - OSRAM GmbH DT1384 Datasheet HTML 26Page - OSRAM GmbH DT1384 Datasheet HTML 27Page - OSRAM GmbH DT1384 Datasheet HTML 28Page - OSRAM GmbH DT1384 Datasheet HTML 29Page - OSRAM GmbH DT1384 Datasheet HTML 30Page - OSRAM GmbH DT1384 Datasheet HTML 31Page - OSRAM GmbH DT1384 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
2.3.8 Radiation
components in
the infra-red range
Fluorescent lamps emit radiation at wavelengths which are also used for infra-red
transmissions. Since the IR receivers used for televisions, wireless headphones and
sound transmission systems, for example, are often not sufficiently selective there
may be interference in the IR system, particularly with lamps operated by electronic
control gear, if light or optical radiation from the lighting system enters the IR receiver.
The light emitted by a fluorescent lamp is essentially modulated at twice the operating
frequency (50 to 250 kHz in the case of electronic control gear and 100 or 120 Hz in
the case of conventional control gear). Interference may occur if the useful signal is
also operating in this frequency range.
Audio transmission
For further information on this topic please consult the OSRAM QUICKTRONIC® tech-
nical guides or visit www.osram.com.
IR remote control
Interference-free operation is possible with systems that work with a sufficiently high
carrier frequency (400 to 1500 kHz). If interference occurs in systems or equipment
operating at a lower carrier frequency, it is best to move the IR receiver as far as
possible away from the radiation footprint of the lamp or shield it from direct light.
For further information on this topic please consult the OSRAM QUICKTRONIC® tech-
nical guides or visit www.osram.com.
Electronic merchandise security systems
In many shops nowadays, merchandise such as CDs and clothing is protected against
theft by electronic security systems. These systems typically operate with resonances
in the kHz range. If the operating frequency is between 30 kHz and 150 kHz it may
lead to interference. Such interference can be avoided by increasing the distance bet-
ween the luminaires and the transmitting/receiving system.
For further information on this topic please consult the OSRAM QUICKTRONIC® tech-
nical guides or visit www.osram.com.
Infra-red components radiated by compact fluorescent lamps as a percentage of power
consumption:
IR-C (> 2700 nm)
IR-B (1400 - 2700 nm)
IR-A (780 - 1400 nm)
38 - 40 %
0.15 %
0.6 %
2. Lamp data
27
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com