Electronic Components Datasheet Search
  English  ▼

X  

DT1384 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # DT1384
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DT1384 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button DT1384 Datasheet HTML 3Page - OSRAM GmbH DT1384 Datasheet HTML 4Page - OSRAM GmbH DT1384 Datasheet HTML 5Page - OSRAM GmbH DT1384 Datasheet HTML 6Page - OSRAM GmbH DT1384 Datasheet HTML 7Page - OSRAM GmbH DT1384 Datasheet HTML 8Page - OSRAM GmbH DT1384 Datasheet HTML 9Page - OSRAM GmbH DT1384 Datasheet HTML 10Page - OSRAM GmbH DT1384 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
1. General
6
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
OSRAM DULUX® F
Perfect for 2 M
to 3 M module
luminaires
18 W = 1100 lm
24 W = 1700 lm
36 W = 2800 lm
OSRAM DULUX® F is a particularly low-profile compact fluorescent lamp with a high
luminous flux. Thanks to its compact dimensions, OSRAM DULUX® F is the perfect
lamp for area lighting with 2 M to 3 M module luminaires (200 to 300 mm edge length)
in the form of square recessed and surface-mounted luminaires or low-profile wall and
ceiling luminaires.
OSRAM DULUX® F 18, 24 and 36 W are suitable for CCG and ECG operation. If used
with conventional control gear, a power factor correction capacitor is needed to im-
prove voltage current phase shift.
The lamps can only be dimmed with appropriate electronic control gear such as
QUICKTRONIC®.
OSRAM DULUX® L lamps are compact fluorescent lamps with a high luminous flux.
They have almost the same luminous flux and power consumption as tubular fluores-
cent lamps but are less than half as long and are more compact than U-shaped and
ring-shaped lamps. OSRAM DULUX® L are the ideal light source for modern space-
saving wall and ceiling lighting in offices, shops, exhibition rooms, foyers and canteens.
They are also used for display and outdoor lighting.
OSRAM DULUX® L 18, 24 and 36 W lamps can be used with conventional control gear
or appropriate electronic control gear, such as QUICKTRONIC®.
These lamps can also be dimmed in conjunction with suitable electronic control gear.
If used with conventional control gear, a power factor correction capacitor is needed
to improve voltage current phase shift.
OSRAM DULUX® L
For modern short-
run luminaires
18 W = 1200 lm
24 W = 1800 lm
36 W = 2900 lm
40 W* = 3500 lm
55 W* = 4800 lm
80 W* = 6000 lm
* For ECG operation only
Lamps with four-pin
bases for conventional
or ECG operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com