Electronic Components Datasheet Search
  English  ▼

X  

DT1384 Datasheet(PDF) 60 Page - OSRAM GmbH

Part # DT1384
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DT1384 Datasheet(HTML) 60 Page - OSRAM GmbH

Back Button DT1384 Datasheet HTML 56Page - OSRAM GmbH DT1384 Datasheet HTML 57Page - OSRAM GmbH DT1384 Datasheet HTML 58Page - OSRAM GmbH DT1384 Datasheet HTML 59Page - OSRAM GmbH DT1384 Datasheet HTML 60Page - OSRAM GmbH DT1384 Datasheet HTML 61Page - OSRAM GmbH DT1384 Datasheet HTML 62Page - OSRAM GmbH DT1384 Datasheet HTML 63Page - OSRAM GmbH DT1384 Datasheet HTML 64Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
59
The Id „1-pin“ and Id „2-pin“ lines in the diagram show the discharge current for the two
limiting cases.
1. The discharge current of the lamp is fed only via one lead wire
2. The discharge current of the lamp is fed equally via the two lead wires
The intersection of the curve with the line Id „1-pin“ with I
2
Pin 1 + I
2
Pin 2
min (= minimum)
gives the value of the minimum discharge current below which heating must be
provided.
The optimum dimming operation would be along the target line. If there are any devia-
tions toward smaller values for I
2
Pin 1 + I
2
Pin 2 the life of the lamp will be significantly
reduced. If I
2
Pin 1 + I
2
Pin 2 is above the target value, blackening might be observed at
the ends of the lamp. Proper lamp operation cannot take place below the „Minimum“
line or above the „Maximum“ line. Only burning duration tests can give a reliable indi-
cation of achievable lamp life in dimmer mode. These tests must be performed by the
control gear manufacturers. Control gear manufacturers are also responsible for carry-
ing out tests on the permissible ambient temperature ranges and on stability in dim-
mer mode.
For optimum operation, new lamps should be burnt in for 100 hours at full output
before they are dimmed for the first time.
The diagram shows an example of an OSRAM DULUX® D/E 26 W lamp.
5. Data for control gear manufacturers
0,5
0,45
0,4
0,35
0,3
0,25
0,2
0,15
0,1
0,05
0
00,1
0,2
300
0,3
Id [A]
Minimum
Target value
Maximum
Id „1-pin“
(without heating)
Id „2-pin“
(without heating)
Dimming characteristic
DULUX D/E 26 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com