Electronic Components Datasheet Search
  English  ▼

X  

DT1384 Datasheet(PDF) 62 Page - OSRAM GmbH

Part # DT1384
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DT1384 Datasheet(HTML) 62 Page - OSRAM GmbH

Back Button DT1384 Datasheet HTML 58Page - OSRAM GmbH DT1384 Datasheet HTML 59Page - OSRAM GmbH DT1384 Datasheet HTML 60Page - OSRAM GmbH DT1384 Datasheet HTML 61Page - OSRAM GmbH DT1384 Datasheet HTML 62Page - OSRAM GmbH DT1384 Datasheet HTML 63Page - OSRAM GmbH DT1384 Datasheet HTML 64Page - OSRAM GmbH DT1384 Datasheet HTML 65Page - OSRAM GmbH DT1384 Datasheet HTML 66Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
61
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
5. Data for control gear manufacturers
5.3
Electrical data
for the filaments
Lamp
Test current
Warm resistance
Cold resistance
I
T
R
T at IT
R0 measured at the
pins
mA
ΩΩ2)
OSRAM DULUX® S+S/E 5 W
130
50±12.5
11.1
OSRAM DULUX® S+S/E 7 W
130
50±12.5
11.1
OSRAM DULUX® S+S/E 9 W
130
50±12.5
11.1
OSRAM DULUX® S+S/E 11 W
130
50±12.5
11.1
OSRAM DULUX® D+D/E 10 W
140
50±12.5
11.1
OSRAM DULUX® D+D/E 13 W
140
50±12.5
11.1
OSRAM DULUX® D+D/E 18 W
190
26±6.5
6.2
OSRAM DULUX® D+D/E 26 W
310
13±3.25
3.3
OSRAM DULUX® T+T/E 13 W
140
50±12.5
11.1
OSRAM DULUX® T+T/E 18 W 1)
190
26±6.5
6.2
OSRAM DULUX® T+T/E 26 W 1)
310
13±3.25
3.3
OSRAM DULUX® T/E 32 W 1)
310
13±3.25
3.3
OSRAM DULUX® T/E 42 W 1)
310
13±3.25
3.3
OSRAM DULUX® T/E 57 W IN
310
13±3.25
3.3
OSRAM DULUX® T/E 70 W IN
310
13±3.25
3.3
OSRAM DULUX® L 18 W
340
12±3.0
3.1
OSRAM DULUX® L 24 W
340
12±3.0
3.1
OSRAM DULUX® L 36 W
385
11±2.75
2.9
OSRAM DULUX® L 40 W
340
12±3.0
3.1
OSRAM DULUX® L 55 W
500
8±2.0
2.3
OSRAM DULUX® L 80 W
530
8±2.0
2.1
OSRAM DULUX® F 18 W
340
12±3.0
3.1
OSRAM DULUX® F 24 W
340
12±3.0
3.1
OSRAM DULUX® F 36 W
385
11±2.75
2.9
1)
Also for IN model
2)
Guide value
The electrode or filament is an extremely important component of a fluorescent lamp.
To operate the lamp at its optimum it is essential for the filament to be maintained
within a particular temperature range. To ensure that this is the case even if control
gear is operated with lamps from different manufacturers, the filament data are stan-
dardised.
The filament of a compact fluorescent lamp is defined such that the warm resistance
RT specified in the following table is in equilibrium when the specified test current
flows through the filament. The cold resistance is not standardised and is shown here
for the purposes of completeness only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com