| Electronic Components Datasheet Search |
|
PCA9535 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PCA9535 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved |
|
3 / 29 page ![]() Nexperia PCA9535 Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration registers 5. Pinning information 5.1. Pinning PW package SOT355-1 (TSSOP24) INT VCC A1 SDA A2 SCL P0_0 A0 P0_1 P1_7 P0_2 P1_6 P0_3 P1_5 P0_4 P1_4 P0_5 P1_3 P0_6 P1_2 P0_7 P1_1 GND P1_0 aaa-035811 1 2 3 4 5 6 7 8 9 10 11 12 14 13 16 15 18 17 20 19 22 21 24 23 Fig. 2. Pin configuration SOT355-1 (TSSOP24) 5.2. Pin description Table 2. Pin description Symbol Pin Type Description INT 1 O Interrupt output. Connect to VCC through a pull-up resistor A1 2 I Address input 1. Connect directly to VCC or GND A2 3 I Address input 2. Connect directly to VCC or GND P0_0 [1] 4 I/O Parallel port I/O. Push-pull driver. At power on, P0_0 is configured as input P0_1 [1] 5 I/O Parallel port I/O. Push-pull driver. At power on, P0_1 is configured as input P0_2 [1] 6 I/O Parallel port I/O. Push-pull driver. At power on, P0_2 is configured as input P0_3 [1] 7 I/O Parallel port I/O. Push-pull driver. At power on, P0_3 is configured as input P0_4 [1] 8 I/O Parallel port I/O. Push-pull driver. At power on, P0_4 is configured as input P0_5 [1] 9 I/O Parallel port I/O. Push-pull driver. At power on, P0_5 is configured as input P0_6 [1] 10 I/O Parallel port I/O. Push-pull driver. At power on, P0_6 is configured as input P0_7 [1] 11 I/O Parallel port I/O. Push-pull driver. At power on, P0_7 is configured as input GND 12 power Ground P1_0 [2] 13 I/O Parallel port I/O. Push-pull driver. At power on, P1_0 is configured as input P1_1 [2] 14 I/O Parallel port I/O. Push-pull driver. At power on, P1_1 is configured as input P1_2 [2] 15 I/O Parallel port I/O. Push-pull driver. At power on, P1_2 is configured as input P1_3 [2] 16 I/O Parallel port I/O. Push-pull driver. At power on, P1_3 is configured as input P1_4 [2] 17 I/O Parallel port I/O. Push-pull driver. At power on, P1_4 is configured as input P1_5 [2] 18 I/O Parallel port I/O. Push-pull driver. At power on, P1_5 is configured as input P1_6 [2] 19 I/O Parallel port I/O. Push-pull driver. At power on, P1_6 is configured as input P1_7 [2] 20 I/O Parallel port I/O. Push-pull driver. At power on, P1_7 is configured as input A0 21 I Address input 0. Connect directly to VCC or GND PCA9535 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2023. All rights reserved Product data sheet Rev. 1 — 25 April 2023 3 / 29 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |