Electronic Components Datasheet Search
  English  ▼

X  

PCA9535 Datasheet(PDF) 19 Page - Nexperia B.V. All rights reserved

Part # PCA9535
Description  Low-voltage 16-bit I²C and SMBus low-power I/O expander
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCA9535 Datasheet(HTML) 19 Page - Nexperia B.V. All rights reserved

Back Button PCA9535 Datasheet HTML 15Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 16Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 17Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 18Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 19Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 20Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 21Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 22Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 23Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Nexperia
PCA9535
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration
registers
12.1. Typical characteristics
aaa-036431
-40
-15
10
35
60
85
0
5
10
15
20
25
Tamb (°C)
ICC
ICC
(µA)
(µA)
(1)
(1)
(2)
(2)
(3)
(3)
(4)
(4)
(5)
(5)
(6)
(6)
fSCL = 400 kHz
(1) VCC = 2.3 V
(2) VCC = 2.5 V
(3) VCC = 3.3 V
(4) VCC = 3.6 V
(5) VCC = 5.0 V
(6) VCC = 5.5 V
Fig. 16. Supply current versus ambient temperature
aaa-036432
-40
-15
10
35
60
85
0
20
40
60
80
Tamb (°C)
ICC
ICC
(nA)
(nA)
(1)
(1)
(2)
(2)
(3)
(3)
(4)
(4)
(5)
(5)
(6)
(6)
(1) VCC = 2.3 V
(2) VCC = 2.5 V
(3) VCC = 3.3 V
(4) VCC = 3.6 V
(5) VCC = 5.0 V
(6) VCC = 5.5 V
Fig. 17. Standby supply current versus ambient
temperature
aaa-036350
2.3
2.94
3.58
4.22
4.86
5.5
0
4
8
12
16
20
VCC (V)
ICC
ICC
(µA)
(µA)
Tamb = 25 °C; fSCL = 400 kHz
Fig. 18. Supply current versus supply voltage
PCA9535
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 1 — 25 April 2023
19 / 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com