Electronic Components Datasheet Search
  English  ▼

X  

PCA9535 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # PCA9535
Description  Low-voltage 16-bit I²C and SMBus low-power I/O expander
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCA9535 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button PCA9535 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Nexperia
PCA9535
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration registers
1 0 0 A2 A1 A0 0 A
S 0
START condition
R/W acknowledge
from slave
002aah344
A
SCL
SDA
A
write to port
data out
from port 0
P
tv(Q)
9
8
7
6
5
4
3
2
1
command byte
data to port 0
DATA 0
slave address
0 0 0 0 0 1 0
0
STOP
condition
0.0
0.7
acknowledge
from slave
acknowledge
from slave
data to port 1
DATA 1
1.0
1.7
A
data out
from port 1
tv(Q)
DATA VALID
Fig. 6. Write to output port registers
0 A
S
slave address
START condition
R/W acknowledge
from slave
aaa-035814
0 0 0 0 0/1 0/1 0/1
0
command byte
A
acknowledge
from slave
1 2 3 4 5 6 7 8
SCL
9
SDA
DATA 0
A
acknowledge
from slave
data to register
1 0 0 A2 A1 A0
0
P
STOP
condition
MSB
LSB
A
acknowledge
from slave
DATA 1
data to register
MSB
LSB
Fig. 7. Write to Control registers
PCA9535
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 1 — 25 April 2023
9 / 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com