Electronic Components Datasheet Search
  English  ▼

X  

PCA9535 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # PCA9535
Description  Low-voltage 16-bit I²C and SMBus low-power I/O expander
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCA9535 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button PCA9535 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 13Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 14Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 15Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 16Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Nexperia
PCA9535
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration
registers
8. Application design-in information
PCA9535
P0_0
P0_1
SCL
SDA
VCC
(3.3 V)
MASTER
CONTROLLER
SCL
SDA
INT
P0_2
VCC
A1
A0
VCC
GND
INT
10 k
SUB-SYSTEM 1(1)
(e.g., temp sensor)
P0_3
INT
SUB-SYSTEM 2
(e.g., counter)
RESET
controlled
switch
(e.g., CBT device)
GND
A
B
enable
GND
SUB-SYSTEM 3(1)
(e.g., alarm system)
ALARM
P0_4
P0_5
P0_6
10 DIGIT
NUMERIC
KEYPAD
aaa-036377
10 k
10 k
2 k
100 k
(×3)
P0_7
P1_0
P1_1
P1_2
P1_3
P1_4
P1_5
P1_6
P1_7
A2
Device address configured as 0100 000X for this example.
P0_0, P0_2, P0_3 configured as outputs.
P0_1, P0_4, P0_5 configured as inputs.
P0_6, P0_7 and (P1_0 to P1_7) configured as inputs.
(1) External pull-up and pull-down resistors are required for inputs IO P ports that may float. If a driver to an input
will never let the input float, a resistor is not needed. If an output in the P port is configured as a push-pull output
there is no need for external pull-up resistors. If an output in the P port is configured as an open-drain output,
external pull-up resistors are required.
Fig. 11. Typical application
8.1. Minimizing ICC when the I/Os are used to control LEDs
When the I/Os are used to control LEDs, they are normally connected to VCC through a resistor as
shown in Fig. 11. Since the LED acts as a diode, when the LED is off the I/O VI is about 1.2 V less
than VCC. The supply current, ICC, increases as VI becomes lower than VCC.
Designs needing to minimize current consumption, such as battery power applications, should
consider maintaining the I/O pins greater than or equal to VCC when the LED is off. Fig. 12 shows a
high value resistor in parallel with the LED. Fig. 13 shows VCC less than the LED supply voltage by
at least 1.2 V. Both of these methods maintain the I/O VI at or above VCC and prevents additional
supply current consumption when the LED is off.
PCA9535
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 1 — 25 April 2023
13 / 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com